Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G06SE-7 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza 74AUP1G06SE-7
Descripción Electrónicos  SINGLE INVERTER WITH OPEN DRAIN OUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G06SE-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  74AUP1G06SE-7 Datasheet HTML 1Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G06SE-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74AUP1G06
Document number: DS35148 Rev. 1- 2
5 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G06
Electrical Characteristics (cont.) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +125°C
Unit
Min
Max
VIH
High-Level Input
Voltage
0V to 1.65V
0.80 X VCC
V
1.65V to 1.95V
0.70 X VCC
2.3V to 2.7 V
1.6
3.0 V to 3.6V
2.0
VIL
Low-Level Input
Voltage
0.8V to 1.65V
0.25X VCC
V
1.65V to 1.95V
0.35 X VCC
2.3V to 2.7V
0.7
3.0V to 3.6V
0.9
VOL
High-Level Input
Voltage
IOL = 20μA
0.8V to 3.6V
0.11
V
IOL = 1.1mA
1.1V
0.3 X VCC
IOL = 1.7mA
1.4V
0.41
IOL = 1.9mA
1.65V
0.39
IOL = 2.3mA
2.3V
0.36
IOL = 3.1mA
0.50
IOL = 2.7mA
3V
0.36
IOL = 4mA
0.50
II
Input Current
A or B Input
VI = GND to 3.6V
0V to 3.6V
± 0.75
μA
IOFF
Power Down
Leakage Current
VI or VO = 0V to 3.6V
0V
± 3.5
μA
IOZ
Z State
Leakage Current
VO = 3.6V
Vi = 3.6V
3.6V
± 1.5
μA
ΔIOFF
Delta Power Down
Leakage Current
VI or VO = 0V to 3.6V
0V to 0.2V
± 2.5
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
0.8V to 3.6V
3.0
μA
ΔICC
Additional Supply
Current
Input at VCC -0.6V
3.3V
75
μA


Número de pieza similar - 74AUP1G06SE-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
   Low-power inverter with open-drain output
Rev. 04-10 June 2009
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06GF PHILIPS-74AUP1G06GF Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
More results

Descripción similar - 74AUP1G06SE-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
U74LVC1G06 UTC-U74LVC1G06_15 Datasheet
188Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
U74LVC1G06 UTC-U74LVC1G06 Datasheet
173Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G05 ONSEMI-MC74VHC1G05_18 Datasheet
205Kb / 14P
   Single Inverter with Open Drain Output
November, 2018 ??Rev. 16
logo
Diodes Incorporated
74LVC1G06Q DIODES-74LVC1G06Q Datasheet
523Kb / 9P
   SINGLE INVERTER WITH OPEN DRAIN OUTPUT
June 2020 Rev. 2 - 2
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_V01 Datasheet
170Kb / 13P
   Single Inverter with Open Drain Output
March, 2020 - Rev. 12
MC74VHC1G05 ONSEMI-MC74VHC1G05_07 Datasheet
78Kb / 6P
   Single Inverter with Open Drain Output
February, 2007 ??Rev. 14
MC74VHC1G05 ONSEMI-MC74VHC1G05_11 Datasheet
119Kb / 6P
   Single Inverter with Open Drain Output
May, 2011 ??Rev. 15
MC74VHC1G05 ONSEMI-MC74VHC1G05_V01 Datasheet
136Kb / 14P
   Single Inverter with Open Drain Output
April, 2022 ??Rev. 18
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06_15 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
U74LVC1G06 UTC-U74LVC1G06_V01 Datasheet
200Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com