Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G14SE-7 Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza 74AUP1G14SE-7
Descripción Electrónicos  SINGLE SCHMITT-TRIGGER INVERETER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G14SE-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  74AUP1G14SE-7 Datasheet HTML 1Page - Diodes Incorporated 74AUP1G14SE-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G14SE-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G14SE-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G14SE-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G14SE-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G14SE-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G14SE-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G14SE-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74AUP1G14
Document number: DS35152 Rev. 1 - 2
5 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G14
Electrical Characteristics (cont.) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40 to 125
oC
Unit
Min
Max
VT+
Positive-going
input threshold
voltage
0.8V
0.4
0.65
V
1.1V
0.53
0.9
1.4V
0.74
1.11
1.65V
0.91
1.29
2.3V
1.37
1.77
3.0V
1.61
2.32
VT-
Negative-going
input threshold
voltage
0.8V
0.15
0.4
V
1.1V
0.26
0.65
1.4V
0.39
0.75
1.65V
0.47
0.84
2.3V
0.69
1.04
3.0V
0.88
1.24
ΔVT
Hysteresis
(VT+ - VT-)
0.8V
0.07
0.5
V
1.1V
0.08
0.46
1.4V
0.18
0.56
1.65V
0.27
0.66
2.3V
0.53
0.92
3.0V
0.79
1.31
VOH
High-Level
Output Voltage
IOH = -20μA
0.8V to 3.6V
VCC – 0.11
V
IOH = -1.1mA
1.1V
0.6 X VCC
IOH = -1.7mA
1.4V
0.93
IOH = -1.9mA
1.65V
1.17
IOH = -2.3mA
2.3V
1.77
IOH = -3.1mA
1.67
IOH = -2.7mA
3V
2.40
IOH = -4mA
2.30
VOL
High-Level Input
Voltage
IOL = 20μA
0.8V to 3.6V
0.11
V
IOL = 1.1mA
1.1V
0.33 X VCC
IOL = 1.7mA
1.4V
0.41
IOL = 1.9mA
1.65V
0.39
IOL = 2.3mA
2.3V
0.36
IOL = 3.1mA
0.50
IOL = 2.7mA
3V
0.36
IOL = 4mA
0.50
II
Input Current
VI = GND to 3.6V
0V to 3.6V
± 0.75
μA
IOFF
Power Down
Leakage Current
VI or VO = 0V to 3.6V
0
± 3.5
μA
ΔIOFF
Delta Power
Down Leakage
Current
VI or VO = 0V to 3.6V
0V to 0.2V
± 2.5
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
0.8V to 3.6V
3.0
μA
ΔICC
Additional Supply
Current
Input at VCC -0.6V
3.3V
75
μA


Número de pieza similar - 74AUP1G14SE-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
74AUP1G14-Q100 NEXPERIA-74AUP1G14-Q100 Datasheet
239Kb / 14P
   Low-power Schmitt trigger inverter
Rev. 2 - 27 January 2021
logo
NXP Semiconductors
74AUP1G14GF NXP-74AUP1G14GF Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
More results

Descripción similar - 74AUP1G14SE-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74LVC1G14 DIODES-74LVC1G14 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74AHC1G14 DIODES-74AHC1G14_11 Datasheet
184Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERETER
74AHCT1G14 DIODES-74AHCT1G14 Datasheet
180Kb / 8P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14_1107 DIODES-74LVC1G14_1107 Datasheet
300Kb / 13P
   SINGLE SCHMITT-TRIGGER INVERETER
logo
Rohm
BU4S584 ROHM-BU4S584 Datasheet
38Kb / 4P
   Single Schmitt trigger
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com