Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FP-6R3CM101M-VBR Datasheet(PDF) 2 Page - Nichicon corporation |
|
FP-6R3CM101M-VBR Datasheet(HTML) 2 Page - Nichicon corporation |
2 / 2 page NICHICON CORPORATION / FPCAP ELECTRONICS (SUZHOU) CO., LTD. Frequency Characteristics * In case of some doubt about measured values, measure after applying rated voltage for 120 minutes at 105 °C. Part number & Specifications Part Number (EX) 6.3V, 100μF, VA series Nichicon P/N Rated Voltage Rated Capacitance Leakage Current* tanδ ESR Rated Ripple Current Size MSL (V) (μF, 120Hz) NICHICON FPCAP (μA, 2 min) (120Hz) (mΩ, 100kHz) (mA, r.m.s.) L×W×H(mm) (J-STD-020D) 220 RVA0E221MNG FP-2R5CM221M-VAR 700 0.12 18 2600 7.3 × 4.3 × 2.8 Level 3 220 RVB0E221MNG FP-2R5CM221M-VBR 700 0.12 15 2800 7.3 × 4.3 × 2.8 Level 3 150 RVA0G151MNG FP-4R0CM151M-VAR 700 0.12 18 2600 7.3 × 4.3 × 2.8 Level 3 150 RVB0G151MNG FP-4R0CM151M-VBR 700 0.12 15 2800 7.3 × 4.3 × 2.8 Level 3 100 RVA0J101MNG FP-6R3CM101M-VAR 700 0.12 25 2000 7.3 × 4.3 × 2.8 Level 3 100 RVB0J101MNG FP-6R3CM101M-VBR 700 0.12 20 2400 7.3 × 4.3 × 2.8 Level 3 27 RVA1C270MNG FP-016CM270M-VAR 216 0.12 55 1100 7.3 × 4.3 × 2.8 Level 3 33 RVA1C330MNG FP-016CM330M-VAR 264 0.12 55 1100 7.3 × 4.3 × 2.8 Level 3 25 15 RVA1E150MNG FP-025CM150M-VAR 188 0.12 60 1000 7.3 × 4.3 × 2.8 Level 3 16 Part Number 6.3 4.0 2.5 N R VA 0J 101 M G Type Series name Rated Capacitance Capacitance Tolerance Rated Voltage VA FP 6R3 CM 101 M R Rated Voltage Rated Capacitance Capacitance Tolerance Series name FPCAP P/N Control code Control code Taping code Taping code Commodity Mark Classification Size Code (N: 7.3 ×4.3×2.8) 1 10 100 1000 10000 0.1 1 10 100 1000 10000 6.3V100μF (VA series) 1 10 100 1000 10000 100000 0.1 1 10 100 1000 10000 6.3V100μF (VA series) Frequency (kHz) Frequency (kHz) 41 |
Número de pieza similar - FP-6R3CM101M-VBR |
|
Descripción similar - FP-6R3CM101M-VBR |