Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A4700RGWT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7A4700RGWT
Descripción Electrónicos  36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4700RGWT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A4700RGWT Datasheet HTML 3Page - Texas Instruments TPS7A4700RGWT Datasheet HTML 4Page - Texas Instruments TPS7A4700RGWT Datasheet HTML 5Page - Texas Instruments TPS7A4700RGWT Datasheet HTML 6Page - Texas Instruments TPS7A4700RGWT Datasheet HTML 7Page - Texas Instruments TPS7A4700RGWT Datasheet HTML 8Page - Texas Instruments TPS7A4700RGWT Datasheet HTML 9Page - Texas Instruments TPS7A4700RGWT Datasheet HTML 10Page - Texas Instruments TPS7A4700RGWT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
0
0.5
1
1.5
2
2.5
3
0
4
8
12
16
20
Input Voltage (V)
−40°C
0°C
+25°C
+85°C
+125°C
VOUT = 90% VOUT(NOM)
G010
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
CNR = 0.01 µF
CNR = 0.1 µF
CNR = 1 µF
CNR = 2.2 µF
IOUT = 1 A
COUT = 50 µF
VIN = 3 V
VOUT = 1.4 V
G011
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
5
10
15
20
25
30
35
40
Input Voltage (V)
−40°C
0°C
+25°C
+85°C
+125°C
G008
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
Input Voltage (V)
−40°C
0°C
+25°C
+105°C
+125°C
G009
0
200
400
600
800
1000
0
5
10
15
20
25
30
35
40
Input Voltage (V)
−40°C
0°C
+25°C
+105°C
+125°C
IOUT = 0 µA
G006
0.1
1
10
1
10
100
1000
Output Current (mA)
−40°C
0°C
+25°C
+85°C
+125°C
G007
TPS7A47
www.ti.com
SBVS204A – JUNE 2012 – REVISED JULY 2012
TYPICAL CHARACTERISTICS (continued)
At –40°C
≤ TJ ≤ +125°C; VIN = VOUT(NOM) + 1.0 V or VIN = 3.0 V (whichever is greater); VEN = VIN; IOUT = 0 mA; CIN =10 µF;
COUT = 10 µF; CNR = 1 µF; SENSE tied to OUT; and 0P1V, 0P2V, 0P4V, 0P8V, 1P6V, 3P2V, 6P4V1, 6P4V2 pins OPEN,
unless otherwise noted.
QUIESCENT CURRENT vs INPUT VOLTAGE
GROUND CURRENT vs OUTPUT CURRENT
Figure 7.
Figure 8.
ENABLE CURRENT vs INPUT VOLTAGE
SHUTDOWN CURRENT vs INPUT VOLTAGE
Figure 9.
Figure 10.
CURRENT LIMIT vs INPUT VOLTAGE
POWER-SUPPLY REJECTION RATIO vs CNR
Figure 11.
Figure 12.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7


Número de pieza similar - TPS7A4700RGWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A4700RGWT TI1-TPS7A4700RGWT Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700RGWT TI1-TPS7A4700RGWT Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
More results

Descripción similar - TPS7A4700RGWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A4700 TI1-TPS7A4700 Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A47_15 TI-TPS7A47_15_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7A470x 36-V, 1-A, 4-關VRMS, RF LDO Voltage Regulator
TPS7A4700 TI1-TPS7A4700_14 Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS7A8300 2-A, 6-關VRMS, RF, LDO Voltage Regulator
TPS7A4701-EP TI1-TPS7A4701-EP Datasheet
687Kb / 27P
[Old version datasheet]   36-V, 1-A, 4-uVRMS, RF LDO Voltage Regulator
TPS7A8300 TI-TPS7A8300 Datasheet
1Mb / 33P
[Old version datasheet]   2-A, 6-VRMS, RF, LDO Voltage Regulator
TPS7A47-Q1 TI1-TPS7A47-Q1 Datasheet
633Kb / 25P
[Old version datasheet]   35-V, 1-A, 4.2-uVRMS, RF LDO Voltage Regulator
logo
ON Semiconductor
NCV59800 ONSEMI-NCV59800 Datasheet
95Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
October, 2016 ??Rev. 0
NCP59800 ONSEMI-NCP59800_17 Datasheet
94Kb / 6P
   1 A Low Noise, RF LDO Voltage Regulator
December, 2017 ??Rev. 2
logo
Texas Instruments
TPS7A52 TI1-TPS7A52 Datasheet
486Kb / 28P
[Old version datasheet]   TPS7A52 2-A, High-Accuracy (0.75%), Low-Noise (4.4 關VRMS), LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com