Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A4700RGW Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS7A4700RGW
Descripción Electrónicos  TPS7A4700EVM-094 Evaluation Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A4700RGW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7A4700RGW Datasheet HTML 4Page - Texas Instruments TPS7A4700RGW Datasheet HTML 5Page - Texas Instruments TPS7A4700RGW Datasheet HTML 6Page - Texas Instruments TPS7A4700RGW Datasheet HTML 7Page - Texas Instruments TPS7A4700RGW Datasheet HTML 8Page - Texas Instruments TPS7A4700RGW Datasheet HTML 9Page - Texas Instruments TPS7A4700RGW Datasheet HTML 10Page - Texas Instruments TPS7A4700RGW Datasheet HTML 11Page - Texas Instruments TPS7A4700RGW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Schematic and Bill of Materials
www.ti.com
7.2
Bill of Materials
Table 3. TPS7A4700EVM-094 Bill of Materials
QTY
RefDes
Value
Description
Size
Part Number
MFR
1
C1
47 µF
Capacitor, tantalum, 35 V, X5R, 20%
7343
TAJE476M035RNJ
AVX
1
C2
10 µF
Capacitor, ceramic, 50 V, X5R, 10%
1206
C3216X5R1H106K
TDK
1
C3
1.0 µF
Capacitor, ceramic, 50 V, X5R,10%
0603
STD
TDK
0
C4
0.01 µF
Capacitor, ceramic, 25 V, X5R,10%
0603
STD
STD
5
C5-9
10 µF
Capacitor, ceramic, 25 V, X5R,10%
0805
STD
STD
8
J1- J8
PEC02SAAN
Header, Male 2-pin, 100 mil spacing
0.100 in × 2
PEC02SAAN
Sullins
1
J9
PEC03SAAN
Header, Male 3-pin, 100 mil spacing
0.100 in × 3
PEC03SAAN
Sullins
1
J10
PEC08DAAN
Header, Male 2 × 8 pin, 100 mil spacing
0.100 in × 2 × 8
PEC08DAAN
Sullins
0
R1
604 k
Ω
Resistor, chip, 1/16W, 1%
0603
STD
STD
0
R2
51.1 k
Ω
Resistor, chip, 1/16W, 1%
0603
STD
STD
1
U1
TPS7A4700RGW
IC, Low Noise Power Solution For High
QFN-20
TPS7A4700RGW
TI
Performance Signal Chain Applications
5
Shunt, Black
100-mil
929950-00
3M
1
--
PCB
PCB, 1.60 in x 2.50 in x 0.062 in
1.6 × 2.5 × 0.062 in
PWR094
Any
1
--
Label (See note 5)
1.25 × 0.25 in
THT-13-457-10
Brady
Notes:
1. These assemblies are ESD sensitive, ESD precautions shall be observed.
2. These assemblies must be clean and free from flux and all contaminants. Use of no clean flux is not acceptable.
3. These assemblies must comply with workmanship standards IPC-A-610 Class 2.
4. Ref designators marked with an asterisk ('**') cannot be substituted. All other components can be substituted with equivalent MFG's
components.
5. Install label in silkscreened box after final wash. Text is 8 pt. font, as shown:
Assembly Number: PWR094-001, Text: TPS7A4700EVM-094
8
TPS7A4700EVM-094 Evaluation Module
SLVU741 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Número de pieza similar - TPS7A4700RGW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A4700RGWR TI1-TPS7A4700RGWR Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700RGWR TI1-TPS7A4700RGWR Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700RGWR TI1-TPS7A4700RGWR Datasheet
1Mb / 31P
[Old version datasheet]   36-V, 1-A, 4-VRMS, RF LDO Voltage Regulator
TPS7A4700RGWT TI1-TPS7A4700RGWT Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
TPS7A4700RGWT TI1-TPS7A4700RGWT Datasheet
906Kb / 23P
[Old version datasheet]   36-V, 1-A, 4.17-關VRMS, RF LDO Voltage Regulator
More results

Descripción similar - TPS7A4700RGW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
[Old version datasheet]   EVALUATION MODULE
logo
Recom International Pow...
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
   Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
   Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
   Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
   Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
   Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Texas Instruments
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
[Old version datasheet]   Evaluation module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com