Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WM8711LGEFL Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

No. de pieza WM8711LGEFL
Descripción Electrónicos  Internet Audio DAC with Integrated Headphone Amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WOLFSON [Wolfson Microelectronics plc]
Página de inicio  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711LGEFL Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8711LGEFL Datasheet HTML 36Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 37Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 38Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 39Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 40Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 41Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 42Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 43Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 44Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
WM8711L
Production Data
w
PD, Rev 4.5, August 2011
42
PACKAGE DIMENSIONS
NOTES:
1. DIMENSION b APPLIED TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 mm AND 0.30 mm FROM TERMINAL TIP. DIMENSION L1 REPRESENTS TERMINAL PULL BACK FROM
PACKAGE SIDE WALL. MAXIMUM OF 0.1mm IS ACCEPTABLE. WHERE TERMINAL PULL BACK EXISTS, ONLY UPPER HALF OF LEAD IS VISIBLE ON PACKAGE SIDE WALL DUE TO HALF
ETCHING OF LEADFRAME.
2. FALLS WITHIN JEDEC, MO-220 WITH THE EXCEPTION OF D2, E2:
D2,E2: LARGER PAD SIZE CHOSEN WHICH IS JUST OUTSIDE JEDEC SPECIFICATION
3. ALL DIMENSIONS ARE IN MILLIMETRES
4. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
5. SHAPE AND SIZE OF CORNER TIE BAR MAY VARY WITH PACKAGE TERMINAL COUNT. CORNER TIE BAR IS CONNECTED TO EXPOSED PAD INTERNALLY
6. REFER TO APPLICATION NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING.
DM023.G
FL: 28 PIN QFN PLASTIC PACKAGE 5 X 5 X 0.9 mm BODY, 0.50 mm LEAD PITCH
C
aaa
INDEX AREA
(D/2 X E/2)
C
aaa
2 X
2 X
TOP VIEW
D
E
C
0.08
C
ccc
A
A1
C
(A3)
SEATING PLANE
1
14
13
b
15
L
D2/2
D2
E2
E2/2
SEE DETAIL B
B
C
ccc M
A
B
B
A
A
27
28
1
2
7
8
21
22
e
5
CORNER
TIE BAR
DETAIL A
B
C
bbb M
A
28x b
L1
1
1
5
CORNER
TIE BAR
0.1
5
DETAIL B
SEE DETAIL A
Symbols
Dimensions (mm)
MIN
NOM
MAX
NOTE
A
A1
A3
b
D
D2
E
E2
e
L
L1
R
0.85
0.90
1.00
0.05
0.02
0
0.2 REF
0.30
0.23
0.18
5.00 BSC
3.4
3.3
3.2
5.00 BSC
0.5 BSC
3.3
3.4
3.2
0.35
0.4
0.45
0.1
b(min)/2
1
2
2
1
K
0.20
aaa
bbb
ccc
REF:
0.15
0.10
0.10
JEDEC, MO-220, VARIATION VHHD-1
Tolerances of Form and Position
EXPOSED
GROUND
PADDLE
EXPOSED
GROUND
PADDLE
6
BOTTOM VIEW
SIDE VIEW
0.210mm


Número de pieza similar - WM8711LGEFL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wolfson Microelectronic...
WM8711L WOLFSON-WM8711L Datasheet
128Kb / 2P
   portable digital audio solutions
WM8711L WOLFSON-WM8711L Datasheet
536Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
WM8711L WOLFSON-WM8711L Datasheet
498Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
WM8711LEDS WOLFSON-WM8711LEDS Datasheet
128Kb / 2P
   portable digital audio solutions
More results

Descripción similar - WM8711LGEFL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711_10 Datasheet
498Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
WM8711 WOLFSON-WM8711_06 Datasheet
536Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
   Internet Audio DAC with Integrated Headphone Driver
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
   Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
   Internet Audio DAC with Integrated Headphone Driver
logo
Asahi Kasei Microsystem...
AKD4368-B AKM-AKD4368-B Datasheet
586Kb / 32P
   24bit DAC with integrated Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
logo
Wolfson Microelectronic...
WM8711BL WOLFSON-WM8711BL_07 Datasheet
499Kb / 43P
   Ultra-Small Audio DAC with Headphone Amplifier
WM8711BL WOLFSON-WM8711BL_11 Datasheet
380Kb / 44P
   Ultra-Small Audio DAC with Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com