Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

WM8711LGEFL Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

No. de Pieza. WM8711LGEFL
Descripción  Internet Audio DAC with Integrated Headphone Amplifier
Descarga  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  WOLFSON [Wolfson Microelectronics plc]
Página de inicio  http://www.wolfsonmicro.com
Logo 

WM8711LGEFL Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Production Data
WM8711L
w
PD, Rev 4.5, August 2011
15
DAC
The WM8711L employs a multi-bit sigma delta oversampling digital to analogue converter. The
scheme for the converter is illustrated in Figure 7.
FROM DAC
DIGITAL
FILTERS
TO LINE OUTPUT
Figure 7 Multi-Bit Oversampling Sigma Delta Schematic
The DAC converts the multi-level digital audio data stream from the DAC digital filters into high quality
analogue audio.
LINE OUTPUTS
The WM8711L provides two low impedance line outputs LLINEOUT and RLINEOUT, suitable for
driving typical line loads of impedance 10K and capacitance 50pF.
The LLINEOUT and RLINEOUT outputs are only available at a line output level and are not level
adjustable in the analogue domain, having a fixed gain of 0dB. The level is fixed such that at the DAC
full scale level the output level is Vrms at AVDD = 3.3 volts. Note that the DAC full scale level tracks
directly with AVDD. The scheme is shown in Figure 8. The line output includes a low order audio low
pass filter for removing out-of band components from the sigma-delta DAC. Therefore no further
external filtering is required in most applications.
VMID
FROM LINE
INPUTS
LINEOUT
FROM DAC
BYPASS
TO HEADPHONE AMP
DACSEL
Figure 8 Line Output Schematic
The line output is muted by either muting the DAC (analogue) or Soft Muting (digital) and disabling
the BYPASS path. Refer to the DAC section for more details. Whenever the DAC is muted or the
device placed into standby mode the DC voltage is maintained at the line outputs to prevent any
audible clicks from being present.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn