Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WM8711LGEFL Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

No. de pieza WM8711LGEFL
Descripción Electrónicos  Internet Audio DAC with Integrated Headphone Amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WOLFSON [Wolfson Microelectronics plc]
Página de inicio  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711LGEFL Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8711LGEFL Datasheet HTML 24Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 25Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 26Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 27Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 28Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 29Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 30Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 31Page - Wolfson Microelectronics plc WM8711LGEFL Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
WM8711L
Production Data
w
PD, Rev 4.5, August 2011
28
The table below should be used to set up the device to work with the various sample rate
combinations. Refer to Digital Filter Characteristics section for an explanation of the different filter
types.
SAMPLING RATE
MCLK
FREQUENCY
SAMPLE
RATE
REGISTER SETTINGS
DIGITAL
FILTER
TYPE
DAC
kHz
MHz
BOSR
SR3
SR2
SR1
SR0
48
12.288
0 (256fs)
0
0
0
0
1
18.432
1 (384fs)
0
0
0
0
8
12.288
0 (256fs)
0
0
0
1
1
18.432
1 (384fs)
0
0
0
1
32
12.288
0 (256fs)
0
1
1
0
1
18.432
1 (384fs)
0
1
1
0
96
12.288
0 (128fs)
0
1
1
1
2
18.432
1 (192fs)
0
1
1
1
44.1
11.2896
0 (256fs)
1
0
0
0
1
16.9344
1 (384fs)
1
0
0
0
8
(Note 1)
11.2896
0 (256fs)
1
0
0
1
1
16.9344
1 (384fs)
1
0
0
1
88.2
11.2896
0 (128fs)
1
1
1
1
2
16.9344
1 (192fs)
1
1
1
1
Table 11 Normal Mode Sample Rate Look-up Table
Notes:
1.
8k not exact, actual = 8.018kHz
2.
All other combinations of BOSR and SR[3:0] that are not in the truth table are invalid
The BOSR bit represents the base over-sampling rate. This is the rate that the WM8711L digital
signal processing is carried out at. In Normal mode, with BOSR = 0, the base over-sampling rate is at
256fs, with BOSR = 1, the base over-sampling rate is at 384fs. This can be used to determine the
actual audio data rate required by the DAC.
The exact sample rates achieved are defined by the relationships in Table 12 below.
TARGET
SAMPLING
RATE
ACTUAL SAMPLING RATE
BOSR=0
BOSR=1
MCLK=12.288
MCLK=11.2896
MCLK=18.432
MCLK=16.9344
kHz
kHz
kHz
kHz
kHz
8
8
8.018
8
8.018
(12.288MHz/256) x 1/6
(11.2896MHz/256) x 2/11
(18.432MHz/384) x 1/6
(16.9344MHz/384) x 2/11
32
32
not available
32
not available
(12.288MHz/256) x 2/3
(18.432MHz/384) x 2/3
44.1
not available
44.1
not available
44.1
11.2896MHz/256
16.9344MHz /384
48
48
not available
48
not available
12.288MHz/256
18.432MHz/384
88.2
not available
88.2
not available
88.2
(11.2896MHz/256) x 2
(16.9344MHz /384) x 2
96
96
not available
96
not available
(12.288MHz/256) x 2
(18.432MHz/384) x 2
Table 12 Normal Mode Actual Sample Rates


Número de pieza similar - WM8711LGEFL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wolfson Microelectronic...
WM8711L WOLFSON-WM8711L Datasheet
128Kb / 2P
   portable digital audio solutions
WM8711L WOLFSON-WM8711L Datasheet
536Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
WM8711L WOLFSON-WM8711L Datasheet
498Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
WM8711LEDS WOLFSON-WM8711LEDS Datasheet
128Kb / 2P
   portable digital audio solutions
More results

Descripción similar - WM8711LGEFL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711_10 Datasheet
498Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
WM8711 WOLFSON-WM8711_06 Datasheet
536Kb / 47P
   Internet Audio DAC with Integrated Headphone Amplifier
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
   Internet Audio DAC with Integrated Headphone Driver
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
   Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
   Internet Audio DAC with Integrated Headphone Driver
logo
Asahi Kasei Microsystem...
AKD4368-B AKM-AKD4368-B Datasheet
586Kb / 32P
   24bit DAC with integrated Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
logo
Wolfson Microelectronic...
WM8711BL WOLFSON-WM8711BL_07 Datasheet
499Kb / 43P
   Ultra-Small Audio DAC with Headphone Amplifier
WM8711BL WOLFSON-WM8711BL_11 Datasheet
380Kb / 44P
   Ultra-Small Audio DAC with Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com