Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


WM8716_08 Datasheet(Hoja de datos) 7 Page - Wolfson Microelectronics plc

No. de Pieza. WM8716_08
Descripción  High Performance 24-bit, 192kHz Stereo DAC
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  WOLFSON [Wolfson Microelectronics plc]
Página de inicio  http://www.wolfsonmicro.com
Logo 

 7 page
background image
Production Data
WM8716
w
PD, Rev 4.2, August 2008
7
SCKI
t
SCKIL
t
SCKIH
Figure 2 System Clock Timing Requirements
TEST CONDITIONS
AVDD, DVDD = 5V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Clock Timing Information
SCKI System clock pulse width high
tSCKIH
13
ns
SCKI System clock pulse width low
tSCKIL
13
ns
ML/I2S (PIN 28)
MC/DM1 (PIN 27)
MD/DM0 (PIN 26)
CSBIWO (PIN 23)
t
MLL
t
MHH
t
MLH
t
MCY
t
MCH
t
MCL
t
MDS
t
MDH
t
CSML
t
MLCS
LSB
t
MLS
Figure 3 Program Register Input Timing
TEST CONDITIONS
AVDD, DVDD = 5V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Program Register Input Information
MC/DM1 Pulse cycle time
tMCY
100
ns
MC/DM1 Pulse width LOW
tMCL
40
ns
MC/DM1 Pulse width HIGH
tMCH
40
ns
MD/DM0 Hold time
tMDH
40
ns
MD/DM0 Set-up time
tMDS
40
ns
ML/I2S Low level time
(See Note 3)
tMLL
40 +
1SYSCLK
ns
ML/I2S High level time
(See Note 3)
tMHH
40 +
1SYSCLK
ns
ML/I2S Hold time
tMLH
40
ns
ML/I2S Set-up time
tMLS
40
ns
CSBIWO Low to ML/I2S low time
tCSML
10
ns
ML/I2S High to CSBIWO high time
tMLCS
10
ns
Note:
3.
System clock cycle.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl