Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


WM8716_08 Datasheet(Hoja de datos) 17 Page - Wolfson Microelectronics plc

No. de Pieza. WM8716_08
Descripción  High Performance 24-bit, 192kHz Stereo DAC
Descarga  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  WOLFSON [Wolfson Microelectronics plc]
Página de inicio  http://www.wolfsonmicro.com
Logo 

 17 page
background image
Production Data
WM8716
w
PD, Rev 4.2, August 2008
17
DIFFERENTIAL MONO MODE
Using bits 4 and 5, the differential output mode may be selected to be one of normal stereo, reversed
stereo, mono left or mono right, as shown in Table 19.
DIFF[1:0]
B[4:5])
DIFFERENTIAL OUTPUT MODE
00
Stereo
01
Stereo reverse.
10
Mono left – differential outputs.
VOUTL is left channel.
VOUTR is the negative of left channel.
11
Mono right – differential outputs.
VOUTL is the negative right channel.
VOUTR is right channel.
Table 19 Differential Output Modes
Using these controls a pair of WM8716 devices may be used to build a ‘dual differential’ stereo
implementation with higher performance and differential output.
CLOCK LOSS DETECTOR DISABLE
CDD (REG4, B6)
L
Clock loss detector on
R
Clock loss detector off
Table 20 Clock Loss Detector Disable
When the system clock is inactive for approximately 100
µs, the clock loss detector circuit detects the
loss of clock and the analogue circuitry is forced into a mute condition and the digital filters reset.
Setting the CDD bit disables this behaviour.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl