Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN3226TMX Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza FAN3226TMX
Descripción Electrónicos  Dual 2A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3226TMX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN3226TMX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN3226TMX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN3226TMX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN3226TMX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN3226TMX_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN3226TMX_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN3226TMX_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN3226TMX_12 Datasheet HTML 13Page - Fairchild Semiconductor FAN3226TMX_12 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3226 / FAN3227 / FAN3228 / FAN3229_F085 • Rev. 1.0.0
10
Typical Performance Characteristics
Typical characteristics are provided at 25°C and VDD=12V unless otherwise noted.
Figure 12. IDD (Static) vs. Supply Voltage
(13)
Figure 13. IDD (Static) vs. Supply Voltage
(13)
Figure 14. IDD (Static) vs. Supply Voltage
(13)
Figure 15. IDD (No-Load) vs. Frequency
Figure 16. IDD (No-Load) vs. Frequency
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
4
6
8
10
12
14
16
18
V
DD - Supply Voltage (V)
FAN3228C, 29C
All Inputs Floating,
Outputs Low
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
4
6
8
101214
1618
Supply Voltage (V)
TTL Input
Inputs and Enables
Floating, Outputs Low
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
46
8
10
12
14
16
18
Supply Voltage (V)
FAN3226C, 27C
Inputs and Enables
Floating, Outputs


Número de pieza similar - FAN3226TMX_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN3226TMX-F085 ONSEMI-FAN3226TMX-F085 Datasheet
1Mb / 26P
   Dual 2-A High-Speed, Low-Side Gate Drivers
October-2017, Rev. 2
More results

Descripción similar - FAN3226TMX_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com