Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT14 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza 74ACT14
Descripción Electrónicos  Hex Inverter with Schmitt Trigger Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT14 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ACT14_11 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 9Page - Fairchild Semiconductor 74ACT14_11 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC14, 74ACT14 • Rev. 1.7.2
6
AC Electrical Characteristics for AC
Note:
6. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Electrical Characteristics for ACT
Note:
7. Voltage Range 5.0 is 5.0V ± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(6)
TA  +25°C,
CL  50pF
TA  –40°C to +85°C,
CL  50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay
3.3
1.5
9.5
13.5
1.5
15.0
ns
5.0
1.5
7.0
10.0
1.5
11.0
tPHL
Propagation Delay
3.3
1.5
7.5
11.5
1.5
13.0
ns
5.0
1.5
6.0
8.5
1.5
9.5
Symbol
Parameter
VCC (V)
(7)
TA  +25°C,
CL  50pF
TA  –40°C to +85°C,
CL  50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay
5.0
3.0
8.0
10.0
3.0
11.0
ns
tPHL
Propagation Delay
5.0
3.0
8.0
10.0
3.0
11.0
ns
Symbol
Parameter
Conditions
Typ
Units
CIN
Input Capacitance
VCC  OPEN
4.5
pF
CPD
Power Dissipation Capacitance
AC
VCC  5.0V
25.0
pF
ACT
80


Número de pieza similar - 74ACT14_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74ACT14B STMICROELECTRONICS-74ACT14B Datasheet
52Kb / 7P
   HEX SCHMITT INVERTER
74ACT14B STMICROELECTRONICS-74ACT14B Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
74ACT14M STMICROELECTRONICS-74ACT14M Datasheet
52Kb / 7P
   HEX SCHMITT INVERTER
74ACT14M STMICROELECTRONICS-74ACT14M Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74ACT14MTC FAIRCHILD-74ACT14MTC Datasheet
132Kb / 9P
   Hex Inverter with Schmitt Trigger Input
More results

Descripción similar - 74ACT14_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Fairchild Semiconductor
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
   Hex Inverter with Schmitt Trigger Input
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
logo
Texas Instruments
5962-8762401CX TI-5962-8762401CX Datasheet
87Kb / 6P
[Old version datasheet]   54AC14 Hex Inverter with Schmitt Trigger Input
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
74LVQ14 FAIRCHILD-74LVQ14 Datasheet
54Kb / 5P
   Low Voltage Hex Inverter with Schmitt Trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com