Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LCX04MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74LCX04MTC
Descripción Electrónicos  Low Voltage Hex Inverter with 5V Tolerant Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX04MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LCX04MTC_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX04MTC_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX04MTC_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX04MTC_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX04MTC_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX04MTC_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX04MTC_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX04MTC_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX04MTC_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX04 Rev. 1.6.0
4
DC Electrical Characteristics
AC Electrical Characteristics
Note:
4. Skew is defined as the absolute value of the difference between the actual propagation delay for any two
separate outputs of the same device. The specification applies to any outputs switching in the same direction,
either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
VCC (V)
Conditions
TA = –40°C to +85°C
Units
Min.
Max.
VIH
HIGH Level Input Voltage
2.3–2.7
1.7
V
2.7–3.6
2.0
VIL
LOW Level Input Voltage
2.3–2.7
0.7
V
2.7–3.6
0.8
VOH
HIGH Level Output Voltage
2.3–3.6
IOH = –100µA
VCC – 0.2
V
2.3
IOH = –8mA
1.8
2.7
IOH = –12mA
2.2
3.0
IOH = –18mA
2.4
IOH = –24mA
2.2
VOL
LOW Level Output Voltage
2.3–3.6
IOL = 100µA
0.2
V
2.3
IOL = 8mA
0.6
2.7
IOL = 12mA
0.4
3.0
IOL = 16mA
0.4
IOL = 24mA
0.55
II
Input Leakage Current
2.3–3.6
0
≤ V
I ≤ 5.5V
±5.0
µA
IOFF
Power-Off Leakage Current
0
VI or VO = 5.5V
10
µA
ICC
Quiescent Supply Current
2.3–3.6
VI = VCC or GND
10
µA
3.6V
≤ V
I ≤ 5.5V
±10
∆I
CC
Increase in ICC per Input
2.3–3.6
VIH = VCC – 0.6V
500
µA
Symbol
Parameter
TA = –40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V,
CL = 50pF
VCC = 2.7V,
CL = 50pF
VCC = 2.5V ± 0.2V,
CL = 30pF
Min.
Max.
Min.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay
1.5
5.2
1.5
6.0
1.5
6.2
ns
tOSHL, tOSLH Output to Output Skew
(4)
1.0
ns


Número de pieza similar - 74LCX04MTC_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX04MTCX FAIRCHILD-74LCX04MTCX Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
74LCX04MTCX_NL FAIRCHILD-74LCX04MTCX_NL Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
More results

Descripción similar - 74LCX04MTC_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
STMicroelectronics
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
   Low voltage CMOS HEX inverter with 5V tolerant inputs
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
September 2001
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com