Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVXC3245WM Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74LVXC3245WM
Descripción Electrónicos  8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXC3245WM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVXC3245WM_09 Datasheet HTML 1Page - Fairchild Semiconductor 74LVXC3245WM_09 Datasheet HTML 2Page - Fairchild Semiconductor 74LVXC3245WM_09 Datasheet HTML 3Page - Fairchild Semiconductor 74LVXC3245WM_09 Datasheet HTML 4Page - Fairchild Semiconductor 74LVXC3245WM_09 Datasheet HTML 5Page - Fairchild Semiconductor 74LVXC3245WM_09 Datasheet HTML 6Page - Fairchild Semiconductor 74LVXC3245WM_09 Datasheet HTML 7Page - Fairchild Semiconductor 74LVXC3245WM_09 Datasheet HTML 8Page - Fairchild Semiconductor 74LVXC3245WM_09 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
February 2009
74LVXC3245
8-Bit Dual Supply Configurable Voltage Interface
Transceiver with 3-STATE Outputs
Features
■ Bidirectional interface between 3V and 3V-to-5V buses
■ Control inputs compatible with TTL level
■ Outputs source/sink up to 24 mA
■ Guaranteed simultaneous switching noise level and
dynamic threshold performance
■ Flexible VCCB operating range
■ Allows B Port and VCCB to float simultaneously when OE
is HIGH
■ Functionally compatible with the 74 series 245
General Description
The LVXC3245 is a 24-pin dual-supply, 8-bit configurable
voltage interface transceiver suited for PCMCIA and other
real time configurable I/O applications. The VCCA pin
accepts a 3V supply level. The A Port is a dedicated 3V
port. The VCCB pin accepts a 3V-to-5V supply level. The B
Port is configured to track the VCCB supply level respec-
tively. A 5V level on the VCC pin will configure the I/O pins
at a 5V level and a 3V VCC will configure the I/O pins at a
3V level. The A Port should interface with a 3V host system
and the B Port to the card slots. This device will allow the
VCCB voltage source pin and I/O pins on the B Port to float
when OE is HIGH. This feature is necessary to buffer data
to and from a PCMCIA socket that permits PCMCIA cards
to be inserted and removed during normal operation.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol/s
Pin Descriptions
Connection Diagram/s
Order Number
Package Number
Package Description
74LVXC3245WM
M24B
224-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVXC3245QSC
MQA24
24-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
74LVXC3245MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OE
Output Enable Input
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs
B0–B7
Side B Inputs or 3-STATE Outputs
■ Implements proprietary EMI reduction circuitry


Número de pieza similar - 74LVXC3245WM_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVXC3245WMX FAIRCHILD-74LVXC3245WMX Datasheet
253Kb / 9P
   74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
More results

Descripción similar - 74LVXC3245WM_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC4245 FAIRCHILD-74LVXC4245 Datasheet
82Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245WMX FAIRCHILD-74LVXC3245WMX Datasheet
253Kb / 9P
   74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVXC4245 NSC-54LVXC4245 Datasheet
115Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com