Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5340UCX Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FAN5340UCX
Descripción Electrónicos  Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5340UCX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN5340UCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5340UCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5340UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5340UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5340UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5340UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5340UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5340UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5340UCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5340 • Rev. 1.0.1
5
Electrical Specifications
VIN = 2.7V to 4.8V and TA = -40°C to +85°C unless otherwise noted. Typical values are at TA = 25°C and VIN = 3.6V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
IQ
Quiescent Current
EN = VIN, Device Not Switching
1
mA
ISD
Shutdown Supply Current
EN = GND, VIN = 3.6V
0.3
1.0
μA
VUVLO
Under-Voltage Lockout
VIN Rising
2.30
2.40
2.50
V
VIN Falling
2.00
2.15
2.25
V
VUVHYST
Under-Voltage Lockout Hysteresis
250
mV
EN: Enable Pin
VIH
HIGH-Level Input Voltage
1.2
V
VIL
LOW-Level Input Voltage
0.4
V
REN
EN Pull-Down Resistance
200
300
400
k
Ω
tSD
EN Low to Shutdown Delay
From Falling Edge of EN
20
80
ms
Feedback and Reference
VFB
Feedback Voltage
480
500
520
mV
IFB
Feedback Input Current
VFB = 500mV
0.1
1.0
μA
Power Outputs
RDS(ON)_Q1 Boost Switch On-Resistance
VIN = 3.6V, VOUT = 10V, ISW = 100mA
600
m
Ω
VIN = 2.7V, VOUT = 10V, ISW = 100mA
850
RDS(ON)_Q2 Synchronous Rectifier On-Resistance
VOUT = 10V, ISW = 100mA
2.0
Ω
RDS(ON)_Q3 Load Switch On-Resistance
VOUT = 10V, ILED = 10mA
2.8
Ω
ISW(OFF)
SW Node Leakage
(2)
EN = 0, VIN = VSW = VOUT = 5.5V,
VLED = 0
0.1
1.0
μA
ILIM-PK
Boost Switch Peak Current Limit
VIN = 3.6V
325
400
475
mA
Oscillator
fSW
Boost Regulator Switching Frequency
1.0
1.2
1.4
MHz
PWM Dimming
DPWM
PWM Duty Cycle
(3)
PWM Dimming Frequency ≤1kHz
1.0
100
%
Output and Protection
VOVP
Boost Output Over-Voltage Protection
18.0
19.0
20.0
V
VOVPHYST OVP Hysteresis
0.8
V
VTHSC
VLED Short-Circuit Detection Threshold
VOUT Falling
VIN – 1.5
V
VOUT Rising
VIN – 1.3
V
DMAX
Maximum Boost Duty Cycle
(3)
85
%
DMIN
Minimum Boost Duty Cycle
(3)
20
%
TSD
Thermal Shutdown
150
°C
THYS
Thermal Shutdown Hysteresis
25
°C
Notes:
2.
SW leakage current includes the leakage current of three internal switches; SW to GND, VOUT to VLED, and SW to VOUT.
3.
Guaranteed by design.


Número de pieza similar - FAN5340UCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN53418 FAIRCHILD-FAN53418 Datasheet
256Kb / 11P
   Synchronous DC-DC MOSFET Driver
FAN53418M FAIRCHILD-FAN53418M Datasheet
256Kb / 11P
   Synchronous DC-DC MOSFET Driver
FAN5341UMPX FAIRCHILD-FAN5341UMPX Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
More results

Descripción similar - FAN5340UCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Texas Instruments
TPS61178 TI1-TPS61178_17 Datasheet
1Mb / 40P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com