Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5340MPX Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FAN5340MPX
Descripción Electrónicos  Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5340MPX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN5340MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5340MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5340MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5340MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5340MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5340MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5340MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5340MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5340MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5340 • Rev. 1.0.1
2
Block Diagrams
Q1
15 -
133
Ω
FB
VLED
2 – 4
LEDs
VOUT
EN
VIN
PGND
SW
GND
L1
RSET
D1
Q2
C
OUT
CIN
BOOST
CONTROL
GATE
DRIVE
Q3
Figure 2.
Block Diagram
Table 1.
Recommended External Components
Component
Description
Vendor
Parameter
Min.
Typ.
Max.
Units
L1
22
μH Nominal
Murata
LQH3NPN220MGOK
L
(1)
22
μH
DCR (Series R)
1100
m
Ω
COUT
4.7
μF X5R or Better
C
4.7
μF
CIN
4.7
μF X5R or Better
C
4.7
μF
Note:
1.
Minimum L (inductance) incorporates tolerance, temperature, and DC bias effects (L decreases with increasing current).


Número de pieza similar - FAN5340MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN53418 FAIRCHILD-FAN53418 Datasheet
256Kb / 11P
   Synchronous DC-DC MOSFET Driver
FAN53418M FAIRCHILD-FAN53418M Datasheet
256Kb / 11P
   Synchronous DC-DC MOSFET Driver
FAN5341UMPX FAIRCHILD-FAN5341UMPX Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
More results

Descripción similar - FAN5340MPX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Texas Instruments
TPS61178 TI1-TPS61178_17 Datasheet
1Mb / 40P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
[Old version datasheet]   20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com