Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5701UC20X Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza FAN5701UC20X
Descripción Electrónicos  Compact 6-LED Driver for Mobile Platforms
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5701UC20X Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5701UC20X Datasheet HTML 4Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 5Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 6Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 7Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 8Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 9Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 10Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 11Page - Fairchild Semiconductor FAN5701UC20X Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5701 • Rev. 1.0.3
9
Circuit Description
The FAN5701 is a white LED driver system based upon an
adaptive 1.5x/1x charge pump capable of supplying up to
180mA of total output current. The tightly matched current
sinks ensure uniform brightness across the LEDs. Each
LED is configured in a common anode configuration with
its peak drive current set during manufacturing (see
Ordering Information and ISET).
Charge Pump
The charge pump operates in either 1x mode, where
VOUT is connected to VIN through a bypass switch, or in
1.5x mode. The circuit operates in 1x mode until the LED
with the highest forward voltage (VLED(MAX) ) can no longer
maintain current regulation. At that point, 1.5x mode
begins. If the lowest active cathode voltage is greater than
1.8V, the charge pump switches back to 1x mode.
In addition to hysteresis, a 1ms transition delay is provided
for the device to ignore short-duration input voltage drops
in deciding mode transitions.
IC Enable
When the EN pin is LOW, all circuit functions are disabled.
When the EN pin HIGH, the entire chip is enabled. Both
PWM inputs are now functional.
PWM Dimming
External PWM inputs (group A and group B) directly modulate
output currents in their corresponding LED channels to vary the
perceived LED brightness. Two PWM inputs are provided to
control two independent groups of LEDs, such as that of a
main display panel and a secondary panel. They can also be
connected to a single input to simultaneously dim all six LED
outputs.
VOUT Short-Circuit Protection
The FAN5701 has integrated protection circuitry to prevent the
device from being short circuited when the output voltage falls
below 2V. If this occurs FAN5701 turns off the charge pump
and the LED driver outputs, but a small bypass switch is left
on. The device monitors the output voltage to determine if it is
still in short circuit condition and, once it has passed, FAN5701
soft-starts and returns to normal operation.
VOUT Over-Voltage Protection
If the output voltage goes above 6V, the FAN5701 shuts down
until this condition has passed. The charge pump and LED
driver outputs are turned off. Once this condition has passed,
FAN5701 soft-starts into normal operation.


Número de pieza similar - FAN5701UC20X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5702 FAIRCHILD-FAN5702 Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC08X FAIRCHILD-FAN5702UC08X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC15X FAIRCHILD-FAN5702UC15X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC20X FAIRCHILD-FAN5702UC20X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
FAN5702UC30X FAIRCHILD-FAN5702UC30X Datasheet
1Mb / 17P
   Configurable 180mA 6-LED Driver with I2C Control
More results

Descripción similar - FAN5701UC20X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
   6-Parallel white-LED Driver for mobile phone
BD1601MUV ROHM-BD1601MUV Datasheet
329Kb / 6P
   6-Parallel white-LED Driver for mobile phone
logo
SpectraLinear Inc
W254B SPECTRALINEAR-W254B Datasheet
235Kb / 16P
   133MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Rohm
BD2812GU ROHM-BD2812GU Datasheet
132Kb / 5P
   RGB Illumination LED Driver for mobile phone
logo
Cypress Semiconductor
W254B CYPRESS-W254B Datasheet
254Kb / 17P
   133-MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Rohm
BD1603NUV ROHM-BD1603NUV_1 Datasheet
264Kb / 5P
   Charge Pump type LED driver for mobile instrument
BD1601MUV ROHM-BD1601MUV_1 Datasheet
276Kb / 5P
   4 - Parallel white-LED Driver for mobile phone
BD1604MUV ROHM-BD1604MUV_1 Datasheet
282Kb / 5P
   4-Parallel white-LED Driver for mobile phone
BD1604MVV ROHM-BD1604MVV Datasheet
322Kb / 6P
   4-Parallel white-LED Driver for mobile phone
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com