Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1838M Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LB1838M
Descripción Electrónicos  Low-Voltage, Low-Saturation Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1838M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1838M_12 Datasheet HTML 1Page - Sanyo Semicon Device LB1838M_12 Datasheet HTML 2Page - Sanyo Semicon Device LB1838M_12 Datasheet HTML 3Page - Sanyo Semicon Device LB1838M_12 Datasheet HTML 4Page - Sanyo Semicon Device LB1838M_12 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
21209 MS/82599TH(II)/21097HA(II)/O1596HA(II)/4302TS(US) No.3949-1/5
LB1838M
Overview
The LB1838M is a low-saturation two-channel bidirectional motor driver IC for use in low-voltage applications.
The LB1838M is a bipolar stepper-motor driver IC that is ideal for use in printers, cameras and other portable devices.
Functions
• Low voltage operation (2.5V min)
• Low saturation voltage (upper transistor + lower transistor residual voltage: 0.40V at 400mA)
• Built-in through-current prevention circuit
• Separate logic power supply and motor power supply
• Built-in spark killer diodes
• Built-in thermal shutdown circuit
• Compact package: MFP14S
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC max
-0.3 to +10.5
V
Maximum supply voltage
VS max
-0.3 to +10.5
V
Output applied voltage
VOUT
VS+VSF
V
Input applied voltage
VIN
-0.3 to +10
V
Ground pin flow-out current
IGND
Per channel
1.0
A
Independent IC
550
mW
Allowable power dissipation
Pd max
Mounted on a specified board *
800
mW
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-40 to +125
°C
* Specified board: 20mm
× 30mm × 1.6mm, glass epoxy board.
Ordering number : EN3949E
Monolithic Digital IC
Low-Voltage, Low-Saturation
Bidirectional Motor Driver


Número de pieza similar - LB1838M_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results

Descripción similar - LB1838M_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1638MC-AH ONSEMI-LB1638MC-AH Datasheet
68Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com