Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-401C-E Datasheet(PDF) 7 Page - Sanyo Semicon Device

No. de pieza STK672-401C-E
Descripción Electrónicos  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-401C-E Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button STK672-401C-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STK672-401C-E
No.A2137-7/19
Timing Charts
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
100%
72%
100%
72%
Vref B
Vref A
0
1
B
2 Phase Excitation Timing Chart (M3=1)
1-2 Phase Excitation Timing Chart (M3=1)
W1-2 Phase Excitation Timing Chart (M3=1)
2W1-2 Phase Excitation Timing Chart (M3=1)
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
0
1
1
B
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
1
0
100%
72%
100%
72%
Vref A
Vref B
0
1
B
M1
M2
M3
RESET
CWB
CLK
A
B
A
0
0
0
1
1
1
B
100%
72%
41%
100%
93%
93%
72%
41%
Vref A
Vref B
100%
93%
84%
72%
55%
41%
21%
100%
93%
84%
72%
55%
41%
21%
Vref A
Vref B


Número de pieza similar - STK672-401C-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STK672-401C-E ONSEMI-STK672-401C-E Datasheet
133Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results

Descripción similar - STK672-401C-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com