Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-401C-E Datasheet(PDF) 9 Page - Sanyo Semicon Device

No. de pieza STK672-401C-E
Descripción Electrónicos  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-401C-E Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button STK672-401C-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STK672-401C-E
No.A2137-9/19
Usage Notes
1. Input pins and functional overview
[Input pins]
Hybrid IC pin No.
Symbol
Function
Pin type
19
Vref
Current setting
Input impedance: 200k
Ω (typical)
10, 11, 17
MODE1, MODE2, MODE3
Excitation mode setting
TTL level Schmitt input
12
CLK
Phase switching clock
(speed command)
Same as the above
13
CWB
Motor direction setting
Same as the above
14
RESET
System reset
Same as the above
15
ENABLE
Motor current off
Same as the above
2. Input signal functions
[CLK (Phase switching clock)]
(1) Input frequency: DC to 50kHz
(2) Minimum pulse width: 10
μs
(3) Pulse width duty: 40 to 60%
(4) Pin circuit type: TTL level Schmitt trigger input
(5) A multi-stage noise exclusion circuit is included.
(6) Function
• M3:1
When M3 is 1:The excitation phase is advanced one step on each CLK signal rising edge.
• M3:0
When M3 is 0:The excitation phase is advanced one step alternately on each CLK signal rising or falling edge.
• Timing chart
[CWB (Motor direction setting)]
(1) Pin circuit type: TTL level Schmitt trigger input
(2) Function
• When CWB = 0: The motor turns in the clockwise direction
• When CWB = 1: The motor turns in the counterclockwise direction
(3) Note: The value of the CWB input must not be changed in the period from 7
μs before a CLK input rising or falling
edge until 7
μs after that edge.
[ENABLE (Forces the excitation drive outputs A, AB, B, and BB to the off state and selects the hybrid IC's internal
state to be operating or hold)]
(1) Pin circuit type: TTL level Schmitt trigger input
(2) Function
a) When ENABLE is 1: Normal operating state
b) When ENABLE is 0: The motor current is turned off and the excitation drive output is turned off forcibly. At
this time, the hybrid IC's system clock is stopped and the hybrid IC is not influenced by
changes to any input pins other than the reset input.
Excitation counter up/down
CLK input
System clock
Phase excitation
counter clock
Control output timing
Control output switching timing


Número de pieza similar - STK672-401C-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STK672-401C-E ONSEMI-STK672-401C-E Datasheet
133Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results

Descripción similar - STK672-401C-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com