Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-401C-E Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza STK672-401C-E
Descripción Electrónicos  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-401C-E Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button STK672-401C-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 13Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 14Page - Sanyo Semicon Device STK672-401C-E Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STK672-401C-E
No.A2137-11/19
[Vref (Sets the current that is used as the reference for setting the output current)]
(1) Pin circuit type: Analog input (differential amplifier). Input resistance: 200k
Ω
(2) Function: The input voltage must be in the voltage range from the control system power supply VDD to 2V. Note
that there is a resistance component (200k
Ω, typical) in this hybrid IC's input and that therefore an input
current occurs.
If the Vref voltage structure is formed as a resistor voltage divider, that circuit must be designed to take
that input current into account. The input current is 12.5
μA (typical). Note that this is the current when
Vref is 5V. The input current falls according to the formula shown below when the Vref voltage is below
that level.
Ios=Vref/(200k+200k) --------- (1)
• Input circuit structure
200k
Ω
2.5V
to DAC
Hybrid IC pin 19
200k
Ω : ±1%
Vref
STK672-401C-E
200k
Ω
Ios=12.5
μA


Número de pieza similar - STK672-401C-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STK672-401C-E ONSEMI-STK672-401C-E Datasheet
133Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
More results

Descripción similar - STK672-401C-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com