Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC1204DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AMC1204DW
Descripción Electrónicos  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204DW Datasheet(HTML) 1 Page - Texas Instruments

  AMC1204DW Datasheet HTML 1Page - Texas Instruments AMC1204DW Datasheet HTML 2Page - Texas Instruments AMC1204DW Datasheet HTML 3Page - Texas Instruments AMC1204DW Datasheet HTML 4Page - Texas Instruments AMC1204DW Datasheet HTML 5Page - Texas Instruments AMC1204DW Datasheet HTML 6Page - Texas Instruments AMC1204DW Datasheet HTML 7Page - Texas Instruments AMC1204DW Datasheet HTML 8Page - Texas Instruments AMC1204DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
AVDD
DGND
AGND
DVDD
DS
Modulator
DATA
VINP
VINN
2.5V
Ref
CLKIN
AMC1204
AMC1204B
www.ti.com
SBAS512C – APRIL 2011 – REVISED AUGUST 2012
20MHz, Second-Order, Isolated Delta-Sigma Modulator
for Current-Shunt Measurement
Check for Samples: AMC1204, AMC1204B
1
FEATURES
DESCRIPTION
The AMC1204 and AMC1204B are 1-bit digital
2
±250mV Input Voltage Range Optimized for
output, isolated delta-sigma (
ΔΣ) modulators that can
Shunt Resistors
be clocked at up to 20MHz. The digital isolation of the
Certified Digital Isolation:
modulator output is provided by a silicon dioxide
CSA, IEC60747-5-2, and UL1577 Approved
(SiO2) barrier that is highly resistant to magnetic
interference. This barrier has been certified to provide
Isolation Voltage: 4250VPEAK (AMC1204B)
basic
galvanic
isolation
of
up
to
4000VPEAK
Working Voltage: 1200VPEAK
(AMC1204) and 4250VPEAK (AMC1204B) according to
Transient Immunity: 15kV/µs
UL1577,
IEC60747-5-2,
and
CSA
standards
or
specifications.
Long Isolation Barrier Lifetime (see
Application Report SLLA197)
The AMC1204 and AMC1204B provide a single-chip
solution for measuring the small signal of a shunt
High Electromagnetic Field Immunity
resistor across an isolated barrier. These types of
(see Application Note SLLA181A)
resistors are typically used to sense currents in motor
Outstanding AC Performance:
control inverters, green energy generation systems,
SNR: 84dB (min)
and other industrial applications. The AMC1204 and
AMC1204B differential inputs easily connect to the
THD: –80dB (max)
shunt resistor or other low-level signal sources. An
Excellent DC Precision:
internal reference eliminates the need for external
INL: ±8LSB (max)
components. When used with an appropriate external
Gain Error: ±2% (max)
digital filter, an effective number of bits (ENOB) of 14
is achieved at a data rate of 78kSPS.
External Clock Input for Easier
Synchronization
A 5V analog supply (AVDD) is used by the modulator
while the isolated digital interface operates from a 3V,
Fully Specified Over the Extended Industrial
3.3V, or 5V supply (DVDD). The AMC1204 and
Temperature Range
AMC1204B are available in SO-16 (DW) packages
and are specified from –40°C to +105°C.
APPLICATIONS
Shunt Resistor Based Current Sensing in:
Motor Control
Green Energy
Inverter Applications
Uninterruptible Power Supplies
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - AMC1204DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1204DW TI1-AMC1204DW Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204DW TI1-AMC1204DW Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204DW TI1-AMC1204DW Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
AMC1204DW TI1-AMC1204DW Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204DWR TI1-AMC1204DWR Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
More results

Descripción similar - AMC1204DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Skyworks Solutions Inc.
SI8941 SKYWORKS-SI8941 Datasheet
776Kb / 32P
   Isolated Delta-Sigma Modulator for Current Shunt Measurement
December 12, 2022
logo
Texas Instruments
AMC1204 TI1-AMC1204_15 Datasheet
1Mb / 37P
[Old version datasheet]   AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com