Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2110MPX Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN2110MPX
Descripción Electrónicos  TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2110MPX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN2110MPX_12 Datasheet HTML 1Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2110MPX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2012
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2110 • Rev. 1.0.4
FAN2110 — TinyBuck™, 3-24 V Input, 10 A, High-
Efficiency, Integrated Synchronous Buck Regulator
Features
Wide Input Voltage Range: 3 V-24 V
Wide Output Voltage Range: 0.8 V to 80% V
IN
10 A Output Current
1% Reference Accuracy Over Temperature
Over 93% Peak Efficiency
Programmable Frequency Operation: 200 KHz to
600 KHz
Fully Synchronous Operation with Integrated
Schottky Diode on Low-Side MOSFET Boosts
Efficiency
Internal Bootstrap Diode
Power-Good Signal
Starts up on Pre-Bias Outputs
Accepts Ceramic Capacitors on Output
External Compensation for Flexible Design
Programmable Current Limit
Under-Voltage, Over-Voltage, and Thermal
Shutdown Protections
Internal Soft-Start
5x6 mm, 25-Pin, 3-Pad MLP Package
Applications
Servers & Telecom
Graphics Cards & Displays
Computing Systems
Point-of-Load Regulation
Set-Top Boxes & Game Consoles
Description
The FAN2110 TinyBuck™ is a highly efficient, small
footprint,
constant
frequency,
10 A
integrated
synchronous Buck regulator.
The FAN2110 contains both synchronous MOSFETs
and a controller/driver with optimized interconnects in
one package, which enables designers to solve high-
current requirements in a small area with minimal
external components. Integration helps to minimize
critical inductances making component layout simpler
and more efficient compared to discrete solutions.
The FAN2110 provides for external loop compensation,
programmable switching frequency, and current limit.
These features allow design flexibility and optimization.
High frequency operation allows for all ceramic solutions.
The summing current mode modulator uses lossless
current sensing for current feedback and over-current
protection. Voltage feedforward helps operation over a
wide input voltage range.
Fairchild’s advanced BiCMOS power process, combined
with low-RDS(ON) internal MOSFETs and a thermally
efficient MLP package, provide the ability to dissipate
high power in a small package.
Output
over-voltage,
under-voltage,
and
thermal
shutdown protections help protect the device from
damage during fault conditions. FAN2110 also prevents
pre-biased output discharge during startup in point-of-
load applications.
Related Application Notes
TinyCalc™ Calculator Design Tool
AN-8022 — TinyCalc™ Calculator User Guide
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FAN2110MPX
-10°C to 85°C
Molded Leadless Package (MLP) 5x6 mm
Tape and Reel
FAN2110EMPX
-40°C to 85°C
Molded Leadless Package (MLP) 5x6 mm
Tape and Reel


Número de pieza similar - FAN2110MPX_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2110MPX FAIRCHILD-FAN2110MPX Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Descripción similar - FAN2110MPX_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com