Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN53600 Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza FAN53600
Descripción Electrónicos  3 MHz, 600 mA / 1A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53600 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN53600 Datasheet HTML 5Page - Fairchild Semiconductor FAN53600 Datasheet HTML 6Page - Fairchild Semiconductor FAN53600 Datasheet HTML 7Page - Fairchild Semiconductor FAN53600 Datasheet HTML 8Page - Fairchild Semiconductor FAN53600 Datasheet HTML 9Page - Fairchild Semiconductor FAN53600 Datasheet HTML 10Page - Fairchild Semiconductor FAN53600 Datasheet HTML 11Page - Fairchild Semiconductor FAN53600 Datasheet HTML 12Page - Fairchild Semiconductor FAN53600 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53600 / FAN53610 • Rev. 1.0.0
9
Typical Performance Characteristics (Continued)
Unless otherwise noted, VIN = VEN = 3.6 V, VMODE = 0 V (AUTO Mode), and TA = 25°C.
Figure 28. Load Transient, VIN=5 V, VOUT=2.9 V,
10-200-10 mA, 100 ns Edge
Figure 29. Load Transient, VIN=5 V, VOUT=2.9 V,
200-800-200 mA, 100 ns Edge
Figure 30. Line Transient, 3.3-3.9-3.3 VIN, 10 µs Edge,
VOUT=2.9 V, 58 mA Load
Figure 31. Line Transient, 3.3-3.9-3.3 VIN, 10 µs Edge,
VOUT=2.9 V, 600 mA Load
Figure 32. Combined Line / Load Transient,
VOUT=2.9V, 3.9-3.3-3.9 VIN, 10 µs Edge, 58-500-58 mA
Load, 100 ns Edge
Figure 33. Startup, 50 Ω Load


Número de pieza similar - FAN53600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
FAN53600AUC28X ONSEMI-FAN53600AUC28X Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
FAN53600AUC33X ONSEMI-FAN53600AUC33X Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
More results

Descripción similar - FAN53600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN53601 FAIRCHILD-FAN53601 Datasheet
996Kb / 14P
   6 MHz 600 mA / 1 A Synchronous Buck Regulator
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
   Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
logo
Microchip Technology
MCP1612T-ADJI MICROCHIP-MCP1612T-ADJI Datasheet
249Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
MCP1612 MICROCHIP-MCP1612 Datasheet
315Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2005
MCP1612 MICROCHIP-MCP1612_13 Datasheet
333Kb / 22P
   Single 1A, 1.4 MHz Synchronous Buck Regulator
2004-2013
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com