Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN53601 Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza FAN53601
Descripción Electrónicos  6 MHz 600 mA / 1 A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53601 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN53601 Datasheet HTML 6Page - Fairchild Semiconductor FAN53601 Datasheet HTML 7Page - Fairchild Semiconductor FAN53601 Datasheet HTML 8Page - Fairchild Semiconductor FAN53601 Datasheet HTML 9Page - Fairchild Semiconductor FAN53601 Datasheet HTML 10Page - Fairchild Semiconductor FAN53601 Datasheet HTML 11Page - Fairchild Semiconductor FAN53601 Datasheet HTML 12Page - Fairchild Semiconductor FAN53601 Datasheet HTML 13Page - Fairchild Semiconductor FAN53601 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53601 / FAN53611 • Rev. 1.0.1
11
Applications Information
Selecting the Inductor
The output inductor must meet both the required inductance
and the energy-handling capability of the application. The
inductor value affects average current limit, the PWM-to-
PFM transition point, output voltage ripple, and efficiency.
The ripple current (∆I) of the regulator is:


SW
OUT
IN
IN
OUT
f
L
V
V
V
V
I
(5)
The maximum average load current, IMAX(LOAD), is related to
the peak current limit, ILIM(PK), by the ripple current, given by:
2
I
I
I
)
PK
(
LIM
)
LOAD
(
MAX
(6)
The transition between PFM and PWM operation is
determined by the point at which the inductor valley current
crosses zero. The regulator DC current when the inductor
current crosses zero, IDCM, is:
2
I
IDCM
(7)
The FAN53601/11 is optimized for operation with L = 470 nH,
but is stable with inductances up to 1
H (nominal). The
inductor should be rated to maintain at least 80% of its value
at ILIM(PK).
Efficiency is affected by the inductor DCR and inductance
value. Decreasing the inductor value for a given physical size
typically decreases the DCR; but because ∆I increases, the
RMS current increases, as do the core and skin effect losses.
12
I
I
I
2
2
)
DC
(
OUT
RMS
(8)
The increased RMS current produces higher losses through
the RDS(ON) of the IC MOSFETs, as well as the inductor DCR.
Increasing the inductor value produces lower RMS currents,
but degrades transient response. For a given physical
inductor size, increased inductance usually results in an
inductor with lower saturation current and higher DCR.
Table 1 shows the effects of inductance higher or lower than
the recommended 1
H on regulator performance.
Output Capacitor
Table 2 suggests 0402 capacitors. 0603 capacitors may
further improve performance in that the effective capacitance
is higher. This improves transient response and output ripple.
Increasing COUT has no effect on loop stability and can
therefore be increased to reduce output voltage ripple or to
improve transient response. Output voltage ripple, ∆VOUT, is:

OUT
SW
2
OUT
SW
L
OUT
C
f
8
1
D
1
D
2
ESR
C
f
I
V
(9)
Input Capacitor
The 2.2
F ceramic input capacitor should be placed as
close as possible between the VIN pin and GND to minimize
the parasitic inductance. If a long wire is used to bring power
to the IC, additional “bulk” capacitance (electrolytic or
tantalum) should be placed between CIN and the power
source lead to reduce the ringing that can occur between the
inductance of the power source leads and CIN.
The effective capacitance value decreases as VIN increases
due to DC bias effects.
Table 1. Effects of Changes in Inductor Value (from 470nH Recommended Value) on Regulator Performance
Inductor Value
IMAX(LOAD)
∆VOUT
Transient Response
Increase
Increase
Decrease
Degraded
Decrease
Decrease
Increase
Improved
Table 2. Recommended Passive Components and their Variation Due to DC Bias
Component
Description
Vendor
Min.
Typ.
Max.
L1
470 nH,
2012,90 mΩ,
1.1 A
Murata LQM21PNR47MC0
Murata LQM21PNR54MG0
Hitachi Metals HLSI 201210R47
300 nH
470 nH
520 nH
CIN
2.2
F, 6.3 V,
X5R, 0402
Murata or Equivalent GRM155R60J225ME15
GRM188R60J225KE19D
1.0
F
2.2
F
COUT
4.7
F, X5R,
0402
Murata or Equivalent GRM155R60G475M
GRM155R60E475ME760
1.6
F
4.7
F


Número de pieza similar - FAN53601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN53601 ONSEMI-FAN53601 Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
FAN53601AUC105X ONSEMI-FAN53601AUC105X Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
FAN53601AUC10X ONSEMI-FAN53601AUC10X Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
FAN53601UC182X ONSEMI-FAN53601UC182X Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
More results

Descripción similar - FAN53601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN53601 ONSEMI-FAN53601 Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com