Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN48630UC45X Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza FAN48630UC45X
Descripción Electrónicos  2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN48630UC45X Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN48630UC45X Datasheet HTML 5Page - Fairchild Semiconductor FAN48630UC45X Datasheet HTML 6Page - Fairchild Semiconductor FAN48630UC45X Datasheet HTML 7Page - Fairchild Semiconductor FAN48630UC45X Datasheet HTML 8Page - Fairchild Semiconductor FAN48630UC45X Datasheet HTML 9Page - Fairchild Semiconductor FAN48630UC45X Datasheet HTML 10Page - Fairchild Semiconductor FAN48630UC45X Datasheet HTML 11Page - Fairchild Semiconductor FAN48630UC45X Datasheet HTML 12Page - Fairchild Semiconductor FAN48630UC45X Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48630 • Rev. 1.0.1
9
Typical Characteristics (Continued)
Unless otherwise specified, VIN = 3.6 V; VOUT = 5 V, and TA = 25°C; circuit and components according to Figure 1.
Figure 17. Startup, 50 Ω Load
Figure 18. Startup, 50
 Load, VIN=2.5 V, VOUT=3.5 V
Figure 19. Overload Protection
Figure 20. Load Transient, 100-500 mA, 100 ns Edge
Figure 21. Load Transient, 500-1250 mA, 100 ns Edge
Figure 22. Load Transient, 100-500 mA, 100 ns Edge,
VIN=3 V, VOUT=3.5 V


Número de pieza similar - FAN48630UC45X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN48630UC45X ONSEMI-FAN48630UC45X Datasheet
1Mb / 17P
   Synchronous TinyBoost Regulator with Bypass Mode
June 2015 Rev. 1.13
More results

Descripción similar - FAN48630UC45X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN48630J ONSEMI-FAN48630J Datasheet
2Mb / 15P
   Synchronous Regulator with Bypass Mode, TINYBOOST짰, 2.5 MHz, 1500 mA
October, 2019 ??Rev. 2
FAN48623 ONSEMI-FAN48623 Datasheet
570Kb / 18P
   Synchronous TinyBoost Regulator with Bypass Mode
October-2017,Rev . 2
FAN48630 ONSEMI-FAN48630 Datasheet
1Mb / 17P
   Synchronous TinyBoost Regulator with Bypass Mode
June 2015 Rev. 1.13
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com