Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN53601UC182X Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN53601UC182X
Descripción Electrónicos  6 MHz 600 mA / 1 A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53601UC182X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN53601UC182X Datasheet HTML 4Page - Fairchild Semiconductor FAN53601UC182X Datasheet HTML 5Page - Fairchild Semiconductor FAN53601UC182X Datasheet HTML 6Page - Fairchild Semiconductor FAN53601UC182X Datasheet HTML 7Page - Fairchild Semiconductor FAN53601UC182X Datasheet HTML 8Page - Fairchild Semiconductor FAN53601UC182X Datasheet HTML 9Page - Fairchild Semiconductor FAN53601UC182X Datasheet HTML 10Page - Fairchild Semiconductor FAN53601UC182X Datasheet HTML 11Page - Fairchild Semiconductor FAN53601UC182X Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN53601 / FAN53611 • Rev. 1.0.1
8
Typical Performance Characteristics (Continued)
Unless otherwise noted, VIN = VEN = 3.6 V, VMODE = 0 V (AUTO Mode), VOUT = 1.82 V, and TA = 25°C.
Figure 24. Shutdown, 10k Ω Load, No Output Discharge Figure 25. Shutdown, No Load, Output Discharge Enabled
Figure 26. Over-Current, Load Increasing Past Current
Limit, FAN53601
Figure 27. 250 mΩ Fault, Rapid Fault, Hiccup, FAN53601
Figure 28. Over-Current, Load Increasing Past Current
Limit, FAN53611
Figure 29. 250 mΩ Fault, Rapid Fault, Hiccup, FAN53611
20
30
40
50
60
70
0.1
1
10
100
1000
Frequency (KHz)
36mA Load
600mA Load
20
30
40
50
60
70
0.1
1
10
100
1000
Frequency (KHz)
24mA Load
500mA Load
Figure 30. PSRR, 50 Ω and 3 Ω Load
Figure 31. PSRR, 50 Ω and 3 Ω Load, VOUT=1.23 V


Número de pieza similar - FAN53601UC182X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN53601UC182X ONSEMI-FAN53601UC182X Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
More results

Descripción similar - FAN53601UC182X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN5361 ONSEMI-FAN5361 Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN53601 ONSEMI-FAN53601 Datasheet
763Kb / 16P
   6 MHz, 600mA / 1 A Synchronous Buck Regulator
December-2017, Rev. 2
logo
Fairchild Semiconductor
FAN53600 FAIRCHILD-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
logo
ON Semiconductor
FAN53600 ONSEMI-FAN53600 Datasheet
1Mb / 16P
   3 MHz, 600 mA / 1A Synchronous Buck Regulator
March 2016 Rev. 1.4
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com