Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD5670 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FDD5670
Descripción Electrónicos  60V N-Channel PowerTrench짰 MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5670 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD5670_11 Datasheet HTML 1Page - Fairchild Semiconductor FDD5670_11 Datasheet HTML 2Page - Fairchild Semiconductor FDD5670_11 Datasheet HTML 3Page - Fairchild Semiconductor FDD5670_11 Datasheet HTML 4Page - Fairchild Semiconductor FDD5670_11 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDD5670 Rev. B
2
Typical Characteristics
0
10
20
30
40
50
60
0
123
4
VDS, DRAIN-SOURCE VOLTAGE (V)
4.0V
5.0V
4.5V
V
GS = 10V
6.0V
3.5V
0.8
1
1.2
1.4
1.6
1.8
2
0
102030
4050
60
ID, DRAIN CURRENT (A)
VGS = 4.0V
7.0V
6.0V
10V
5.0V
4.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID =10A
VGS = 10V
0
0.01
0.02
0.03
0.04
0.05
3456789
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 10 A
T
A = 125
oC
T
A = 25
oC
Figure 3. On-Resistance Variation
withTemperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
60
22.533.544.5
5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
V
DS = 5V
125
oC
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
T
A = 125
oC
25
oC
-55
oC
V
GS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Número de pieza similar - FDD5670_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD5670 FAIRCHILD-FDD5670 Datasheet
106Kb / 5P
   60V N-Channel PowerTrenchTM MOSFET
logo
VBsemi Electronics Co.,...
FDD5670 VBSEMI-FDD5670 Datasheet
991Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD5670 ISC-FDD5670 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FDD5670_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDC5612 FAIRCHILD-FDC5612_04 Datasheet
79Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
FDB20AN06A0 FAIRCHILD-FDB20AN06A0 Datasheet
609Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 45A, 20m?
FDMS030N06B FAIRCHILD-FDMS030N06B Datasheet
243Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 100A, 3m?
FDI040N06 FAIRCHILD-FDI040N06 Datasheet
521Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0mW
FDB029N06 FAIRCHILD-FDB029N06 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 193A, 3.1mW
FDB039N06 FAIRCHILD-FDB039N06 Datasheet
544Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 174A, 3.9mW
FDD5810 FAIRCHILD-FDD5810 Datasheet
266Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60V, 35A, 27mOhm
FDP030N06B FAIRCHILD-FDP030N06B Datasheet
748Kb / 9P
   N-Channel PowerTrench짰 MOSFET 60V, 195A, 3.1m
FDB14AN06L_F085 FAIRCHILD-FDB14AN06L_F085 Datasheet
306Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 60A, 14.6mW
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com