Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1836M Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LB1836M
Descripción Electrónicos  Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1836M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1836M_12 Datasheet HTML 1Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 2Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 3Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 4Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 5Page - Sanyo Semicon Device LB1836M_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LB1836M
Allowable Operating Ranges at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC
2.5 to 9.0
V
Supply voltage
VS
1.8 to 9.0
V
Input “H”-level voltage
VIH
1.8 to 9.0
V
Input “L”-level voltage
VIL
-0.3 to +0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = VS = 3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
VIN1, 2, 3, 4 = 0V, ICC + IS
0.1
10
μA
ICC1
VIN1 = 3V, VIN2, 3, 4 = 0V, ICC + IS
14
20
mA
Supply current
ICC2
VIN1, 2 = 3V, VIN3, 4 = 0V, ICC + IS
22
35
mA
VOUT1
IOUT = 200mA
0.20
0.28
V
VOUT2
IOUT = 400mA
0.40
0.60
V
VOUT3
IOUT = 400mA, Parallel connection
0.25
0.35
V
Output saturation voltage
(upper + lower)
VOUT4
IOUT = 800mA, Parallel connection
0.50
0.70
V
Output sustain voltage
VO (SUS)
IOUT = 400mA
9
V
Input current
IIN
VIN = 2V, VCC = 6V
80
μA
Spark killer diode
Reverse current
IS (leak)
VCC1, 2 = 9V
30
μA
Forward voltage
VSF
IOUT = 400mA
1.7
V
Package Dimensions
unit : mm (typ)
3111A
Pd max -- Ta
Ambient temperature, Ta --
°C
0
800
600
400
200
1000
ñ 40
ñ 20
8085
60
20
40
0
100
Specified board : 30
×30×1.5mm3
glass epoxy
420
SANYO : MFP14S(225mil)
1
14
7
8
8.0
0.15
(1.0)
1.0
0.35
Pin Assignment
14
GND
1
VCC
13
IN3
2
IN1
12
OUT3
3
OUT1
11
VS2
4
VS1
10
OUT4
5
OUT2
9
IN4
6
IN2
8
Vcont
7
GND
LB1836M
Top view
Note) Ground both GND pins.
No.3947-2/6


Número de pieza similar - LB1836M_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
More results

Descripción similar - LB1836M_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M-TLM-E ONSEMI-LB1836M-TLM-E Datasheet
76Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M-MPB-E ONSEMI-LB1836M-MPB-E Datasheet
76Kb / 6P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
logo
Sanyo Semicon Device
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1636M SANYO-LB1636M Datasheet
54Kb / 2P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1635M SANYO-LB1635M Datasheet
43Kb / 3P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1638 SANYO-LB1638 Datasheet
57Kb / 4P
   Low-Saturation Bidirectional Motor Drive for Low-Voltage Applications
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com