Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

06625.63.01 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

No. de Pieza. 06625.63.01
Descripción  Pro Flex® Rubber Extension Cords 3-Conductor Grounded . Type SJ . 60˚C . 300 Volts
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GENERAL [General Cable Technologies Corporation]
Página de inicio  http://www.generalcable.com
Logo 

06625.63.01 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
54
Application-Specific Extension Cords
Cord & Cordset
Coiled Power Tool Extension Cords and Power Supply Cords
2 and 3 Conductor • Type SJT • 60˚C • 300 Volts
Power Supply Replacement Cords with Switch
3-Conductor Grounded • Type SJ • 60˚C • 300 Volts
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
06610.63.01
3
16
10
Black
125
13
1625
5-15P/5-15R
24
0.7
17
079407066100
06625.63.01
3
16
25
Black
125
13
1625
5-15P/5-15R
24
1.7
40
079407066254
06911.63.01
3
14
25
Black
125
15
1875
5-15P/5-15R
6
2.3
14
079407069118
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
06014.60.04
3
16
10
Orange
125
13
1625
5-15P/5-15R
10
1.1
11
079407060146
02551.70.01
3
16
12
Black
125
15
1875
5-15P
10
1.1
11
079407025510
CATALOG
NUMBER
NO.
OF
COND.
AWG
SIZE
LENGTH
OF CORD
(FT)
COLOR
OF
JACKET
POWER RATING
NEMA
CONFIG.
SWITCH
SPEED
PKG.
PER
CTN.
WT./
UNIT
LBS
WT./
CTN.
LBS
UPC
CODE
VOLTS AMPS WATTS
02332.70.01
3
16
10
Black
125
10
1250
5-15P
1 Speed (On/Off)
25
0.9
22
079407023325
02333.70.01
4
16
10
Black
125
10
1250
5-15P
2 Speed (On/High/Low)
25
0.9
22
079407023332
Product Construction:
Conductor:
• 16 AWG stranded bare copper per
ASTM B-174
Insulation:
• Premium-grade, color-coded PVC
Jacket:
• PVC; orange or black
• Voltage rating: 300 volts
Product Construction:
Conductor:
• 16 AWG through 14 AWG stranded
bare copper per ASTM B-174
Insulation:
• Premium-grade, color-coded EPDM
Product Construction:
Conductor:
• 16 AWG stranded bare copper per
ASTM B-174
Insulation:
• Premium-grade, color-coded EPDM
Applications:
• Workshop and tool bench use
Features:
• Coiled cord expands from 3’ to
10’ or 12’
• Right-angle plug helps prevent
the cord from being pulled from
the socket
Jacket:
• CPE; black
• Temperature: 60˚C
• Voltage rating: 300 volts
Applications:
• Floor polishers
• Sanders
Jacket:
• CPE; black
Applications:
• For replacement use
• For fan replacements
Features (cont’d.):
• 06014.60.04 and 02551.70.01
are 3-conductor grounded
Industry Approvals:
• UL Listed
• OSHA Acceptable
Features:
• General use indoor cord
• 3-conductor grounded
Industry Approvals:
• UL Listed
• OSHA Acceptable for
indoor use
Features:
• Switch
• Straight plug
• Conductor stripped 5/8”
• Jacket removed 2”
Industry Approvals:
• UL Listed
• CSA
Pro Flex® Rubber Extension Cords
3-Conductor Grounded • Type SJ • 60˚C • 300 Volts


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn