Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM431SCCMFX Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza LM431SCCMFX
Descripción Electrónicos  Programmable Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM431SCCMFX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LM431SCCMFX Datasheet HTML 1Page - Fairchild Semiconductor LM431SCCMFX Datasheet HTML 2Page - Fairchild Semiconductor LM431SCCMFX Datasheet HTML 3Page - Fairchild Semiconductor LM431SCCMFX Datasheet HTML 4Page - Fairchild Semiconductor LM431SCCMFX Datasheet HTML 5Page - Fairchild Semiconductor LM431SCCMFX Datasheet HTML 6Page - Fairchild Semiconductor LM431SCCMFX Datasheet HTML 7Page - Fairchild Semiconductor LM431SCCMFX Datasheet HTML 8Page - Fairchild Semiconductor LM431SCCMFX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM431SA/LM431SB/LM431SC Rev. 1.2.0
3
Electrical Characteristics
(TA = +25°C, unless otherwise specified)
Note1
TMIN = -25°C, TMAX = +85°C
Parameter
Symbol
Conditions
LM431SA
LM431SB
LM431SC
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Reference
Input Voltage
VREF
VKA=VREF, IKA=10mA
2.450 2.500 2.550 2.470 2.495 2.520 2.482 2.495 2.508
V
Deviation of
Reference
Input Voltage
Over-
Temperature
ΔV
REF/ΔT
VKA=VREF,
IKA=10mA
TMINTATMAX
SOT-89
SOT-23F
-
4.5
17
-
4.5
17
-
4.5
17
mV
SOT-23
-
6.6
24
-
6.6
24
-
6.6
24
mV
Ratio of
Change in
Reference
Input Voltage
to the Change
in Cathode
Voltage
ΔV
REF/
ΔV
KA
IKA =10mA
ΔV
KA=10V
-VREF
-
-1.0
-2.7
-
-1.0
-2.7
-
-1.0
-2.7
mV/V
ΔV
KA=36V
-10V
-
-0.5
-2.0
-
-0.5
-2.0
-
-0.5
-2.0
Reference
Input Current
IREF
IKA=10mA,
R1=10KΩ,R2=∞
-
1.5
4
-
1.5
4
-
1.5
4
μA
Deviation of
Reference
Input Current
Over Full
Temperature
Range
ΔI
REF/ΔT
IKA=10mA,
R1=10KΩ,
R2=∞,
TA =Full Range
SOT-89
SOT-23F
-
0.4
1.2
-
0.4
1.2
-
0.4
1.2
μA
SOT-23
-
0.8
2.0
-
0.8
2.0
-
0.8
2.0
μA
Minimum
Cathode
Current for
Regulation
IKA(MIN)
VKA=VREF
-
0.45
1.0
-
0.45
1.0
-
0.45
1.0
mA
Off -Stage
Cathode
Current
IKA(OFF)
VKA=36V, VREF=0
-
0.05
1.0
-
0.05
1.0
-
0.05
1.0
μA
Dynamic
Impedance
ZKA
VKA=VREF,
IKA=1 to 100mA ,
f
≥1.0kHz
-
0.15
0.5
-
0.15
0.5
-
0.15
0.5
Ω


Número de pieza similar - LM431SCCMFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM431SCCMFX ONSEMI-LM431SCCMFX Datasheet
260Kb / 12P
   Programmable Shunt Regulator
July, 2018 ??Rev. 8
More results

Descripción similar - LM431SCCMFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com