Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSB50325A Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FSB50325A
Descripción Electrónicos  Smart Power Module (SPM짰)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50325A Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSB50325A Datasheet HTML 2Page - Fairchild Semiconductor FSB50325A Datasheet HTML 3Page - Fairchild Semiconductor FSB50325A Datasheet HTML 4Page - Fairchild Semiconductor FSB50325A Datasheet HTML 5Page - Fairchild Semiconductor FSB50325A Datasheet HTML 6Page - Fairchild Semiconductor FSB50325A Datasheet HTML 7Page - Fairchild Semiconductor FSB50325A Datasheet HTML 8Page - Fairchild Semiconductor FSB50325A Datasheet HTML 9Page - Fairchild Semiconductor FSB50325A Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
FSB50325A Rev. A
Figure 6. Switching Time Definition
Figure 7. Switching and RBSOA(Single-pulse) Test Circuit (Low-side)
Figure 8. Undervoltage Protection (Low-side)
Figure 9. Undervoltage Protection (High-side)
t
ON
t
rr
I
rr
100% of I
D
120% of I
D
(a) Turn-on
t
OFF
(b) Turn-off
I
D
V
DS
V
DS
I
D
V
IN
V
IN
10% of I
D
COM
VCC
LIN
HIN
VB
HO
VS
LO
One-leg Diagram of SPM
I
D
V
CC
C
BS
L
V
DC
+
V
DS
-
Vts
UV
CCD
UV
CCR
Input Signal
UV Protection
Status
Low-side Supply, V
CC
MOSFET Current
RESET
DETECTION
RESET
UV
BSD
UV
BSR
Input Signal
UV Protection
Status
High-side Supply, V
BS
MOSFET Current
RESET
DETECTION
RESET


Número de pieza similar - FSB50325A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 12P
   Motion SPMR 5 Series
FSB50325A FAIRCHILD-FSB50325A Datasheet
4Mb / 28P
   Motion SPM 5 Series Version 2 User?셲 Guide
logo
ON Semiconductor
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
logo
Fairchild Semiconductor
FSB50325AS FAIRCHILD-FSB50325AS Datasheet
1Mb / 12P
   Motion SPMR 5 Series
logo
ON Semiconductor
FSB50325AS ONSEMI-FSB50325AS Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results

Descripción similar - FSB50325A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com