Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSB50825AS Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FSB50825AS
Descripción Electrónicos  Smart Power Module (SPM짰)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50825AS Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSB50825AS Datasheet HTML 2Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 3Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 4Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 5Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 6Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 7Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 8Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 9Page - Fairchild Semiconductor FSB50825AS Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FSB50825AS Rev. A
Note:
1. Parameters for bootsrap circuit elements are dependent on PWM algorithm. For 15 kHz of switching frequency, typical example of parameters is shown above.
2. RC coupling(R5 and C5) and C4 at each input of SPM
® and Micom (indicated as dotted lines) may be used to prevent improper signal due to surge noise.
3. Bold lines should be short and thick in PCB pattern to have small stray inductance of circuit, which results in the reduction of surge voltage. Bypass capacitors such as C1, C2
and C3 should have good high-frequencycharacteristics to absorb high-frequency ripple current.
Figure 3. Recommended CPU Interface and Bootstrap Circuit with Parameters
Note:
Attach the thermocouple on top of the heatsink-side of SPM® (between SPM® and heatsink if applied) to get the correct temperature measurement.
Figure 4. Case Temperature Measurement
Figure 5. Temperature profile of Vts(typ.)
HIN
LIN
Output
Note
0
0
Z
Both FRFET Off
0
1
0
Low side FRFET On
1
0
VDC
High side FRFET On
1
1
Forbidden
Shoot through
Open
Open
Z
Same as (0,0)
COM
VCC
LIN
HIN
VB
HO
VS
LO
P
N
R
3
Inverter
Output
C
3
C
1
15V
Line
10mF
One Leg Diagram of SPM
These values depend on PWM
control algorithm
* Example of bootstrap paramters
:
C
1= C2 =1mF ceramic capacitor
R
5
C
5
V
DC
C
2
Vts
* Example circuit : V phase
C
4
V
20
40
60
80
100
120
140
160
0.5
1.0
1.5
2.0
2.5
3.0
3.5
THVIC [deg]


Número de pieza similar - FSB50825AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FSB50825AS ONSEMI-FSB50825AS Datasheet
454Kb / 11P
   Motion SPM 5 Series
April 2015 Rev. 1.6
More results

Descripción similar - FSB50825AS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSB50250 FAIRCHILD-FSB50250_07 Datasheet
317Kb / 8P
   Smart Power Module (SPM짰)
FSB50325S FAIRCHILD-FSB50325S_07 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50250AB FAIRCHILD-FSB50250AB Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50250A FAIRCHILD-FSB50250A Datasheet
1Mb / 10P
   Smart Power Module(SPM짰)
FSB50450A FAIRCHILD-FSB50450A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
FSB50450UD FAIRCHILD-FSB50450UD Datasheet
864Kb / 9P
   Smart Power Module (SPM짰)
FSB50325T FAIRCHILD-FSB50325T_07 Datasheet
283Kb / 8P
   Smart Power Module (SPM짰)
FSB50550U FAIRCHILD-FSB50550U Datasheet
349Kb / 8P
   Smart Power Module (SPM짰)
FSB50450S_0705 FAIRCHILD-FSB50450S_0705 Datasheet
297Kb / 8P
   Smart Power Module (SPM짰)
FSB50550US FAIRCHILD-FSB50550US Datasheet
304Kb / 8P
   Smart Power Module (SPM짰)
FSB50325A FAIRCHILD-FSB50325A Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com