Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA7912A Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza KA7912A
Descripción Electrónicos  3-Terminal 1A Negative Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7912A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KA7912A_12 Datasheet HTML 1Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 2Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 3Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 4Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 5Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 6Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 7Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 8Page - Fairchild Semiconductor KA7912A_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
KA79XX/KA79XXA
5
Electrical Characteristics (KA7909) (Continued)
(VI = -15V, IO = 500mA, 0°C ≤ TJ ≤ +125°C, CI =2.2μF, CO =1μF, unless otherwise specified.)
Note
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25°C
-8.7
-9.0
-9.3
V
IO = 5mA to 1A, PO ≤ 15W
VI = -1.5V to -23V
-8.6
-9.0
-9.4
Line Regulation (Note1)
ΔVO
TJ =+25°C
VI = -11.5V to -26V
-
10
180
mV
VI = -12V to -18V
-
5
90
Load Regulation (Note1)
ΔVO
TJ =+25°C, IO = 5mA to 1.5A
-
12
180
mV
TJ =+25°C, IO = 250mA to 750mA
-
4
90
Quiescent Current
IQ
TJ = +25°C-
3
6
mA
Quiescent Current Change
ΔIQ
IO = 5mA to 1A
-
0.05
0.5
mA
VI = -11.5V to -26V
-
0.1
1
Temperature Coefficient of VD
ΔVo/ΔTIO = 5mA
-
-0.6
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz, TA = +25°C-
175
-
μV
Ripple Rejection
RR
f = 120Hz,
ΔVI = 10V
54
60
-
dB
Dropout Voltage
VD
TJ = +25°C, IO = 1A
-
2
-
V
Short Circuit Current
ISC
TJ = +25°C, VI = -35V
-
300
-
mA
Peak Current
IPK
TJ = +25°C-
2.2
-
A


Número de pieza similar - KA7912A_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA7912ATU FAIRCHILD-KA7912ATU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
KA7912ATU FAIRCHILD-KA7912ATU Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
KA7912ATU FAIRCHILD-KA7912ATU Datasheet
280Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
More results

Descripción similar - KA7912A_12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_15 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com