Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8621EC-B-IS Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SI8621EC-B-IS
Descripción Electrónicos  LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8621EC-B-IS Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI8621EC-B-IS Datasheet HTML 5Page - Silicon Laboratories SI8621EC-B-IS Datasheet HTML 6Page - Silicon Laboratories SI8621EC-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8621EC-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8621EC-B-IS Datasheet HTML 9Page - Silicon Laboratories SI8621EC-B-IS Datasheet HTML 10Page - Silicon Laboratories SI8621EC-B-IS Datasheet HTML 11Page - Silicon Laboratories SI8621EC-B-IS Datasheet HTML 12Page - Silicon Laboratories SI8621EC-B-IS Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Rev. 1.3
9
Si8610/20/21/22
1 Mbps Supply Current (All inputs = 500 kHz square wave, CI = 15 pF on all outputs)
Si8610Bx, Ex
VDD1
VDD2
1.2
0.9
2.0
1.5
mA
Si8620Bx, Ex
VDD1
VDD2
2.1
1.6
3.1
2.4
mA
Si8621Bx, Ex
VDD1
VDD2
1.9
1.9
2.9
2.9
mA
Si8622Bx, Ex
VDD1
VDD2
3.4
4.2
5.1
6.2
mA
10 Mbps Supply Current (All inputs = 5 MHz square wave, CI = 15 pF on all outputs)
Si8610Bx, Ex
VDD1
VDD2
1.2
1.0
2.0
1.8
mA
Si8620Bx, Ex
VDD1
VDD2
2.1
1.9
3.1
2.8
mA
Si8621Bx, Ex
VDD1
VDD2
2.0
2.0
3.0
3.0
mA
Si8622Bx, Ex
VDD1
VDD2
3.5
4.3
5.3
6.4
mA
100 Mbps Supply Current (All inputs = 50 MHz square wave, CI = 15 pF on all outputs)
Si8610Bx, Ex
VDD1
VDD2
1.2
3.4
2.0
5.1
mA
Si8620Bx, Ex
VDD1
VDD2
2.1
6.3
3.1
8.8
mA
Si8621Bx, Ex
VDD1
VDD2
4.4
4.4
6.1
6.1
mA
Si8622Bx, Ex
VDD1
VDD2
5.9
6.6
8.2
9.3
mA
Table 3. Electrical Characteristics (Continued)
(VDD1 =3.3 V ±10%, VDD2 =3.3 V ±10%, TA = –40 to 125 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a
combination of the value of the on-chip series termination resistor and channel resistance of the output driver
FET. When driving loads where transmission line effects will be a factor, output pins should be appropriately
terminated with controlled impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units
operating at the same supply voltages, load, and ambient temperature.
3. Start-up time is the time period from the application of power to valid data at the output.


Número de pieza similar - SI8621EC-B-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI8621EC-B-IS SILABS-SI8621EC-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
Si8621EC-B-IS SILABS-Si8621EC-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Infineon Technologies A...
SI8621EC-B-IS INFINEON-SI8621EC-B-IS Datasheet
1Mb / 33P
   iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
SI8621EC-B-IS INFINEON-SI8621EC-B-IS Datasheet
1Mb / 41P
   iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
logo
Skyworks Solutions Inc.
SI8621EC-B-IS SKYWORKS-SI8621EC-B-IS Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
More results

Descripción similar - SI8621EC-B-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI861X SILABS-SI861X Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com