Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8621ED-B-IS Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI8621ED-B-IS
Descripción Electrónicos  LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8621ED-B-IS Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI8621ED-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 9Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 10Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 11Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 12Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 13Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 14Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Rev. 1.3
11
Si8610/20/21/22
Table 4. Electrical Characteristics
(VDD1 =2.5 V ±5%, VDD2 =2.5 V ±5%, TA = –40 to 125 ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDD Undervoltage Threshold
VDDUV+
VDD1, VDD2 rising
1.95
2.24
2.375
V
VDD Undervoltage Threshold
VDDUV–
VDD1, VDD2 falling
1.88
2.16
2.325
V
VDD Negative-Going Lockout
Hysteresis
VDDHYS
50
70
95
mV
Positive-Going Input Threshold
VT+
All inputs rising
1.6
1.9
V
Negative-Going Input Threshold
VT–
All inputs falling
1.1
1.4
V
Input Hysteresis
VHYS
0.40
0.45
0.50
V
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
——
0.8
V
High Level Output Voltage
VOH
loh = –4 mA
VDD1,VDD2 –0.4
2.3
V
Low Level Output Voltage
VOL
lol = 4 mA
0.2
0.4
V
Input Leakage Current
IL
——
±10
µA
Output Impedance1
ZO
—50
DC Supply Current (All inputs 0 V or at supply)
Si8610Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
0.6
0.8
1.8
0.8
1.2
1.5
2.9
1.5
mA
Si8620Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
0.8
1.4
3.3
1.4
1.4
2.2
5.3
2.2
mA
Si8621Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
1.2
1.2
2.4
2.4
1.9
1.9
3.8
3.8
mA
Si8622Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
2.6
3.3
4.0
4.8
4.2
5.3
6.4
7.7
mA
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a
combination of the value of the on-chip series termination resistor and channel resistance of the output driver
FET. When driving loads where transmission line effects will be a factor, output pins should be appropriately
terminated with controlled impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units
operating at the same supply voltages, load, and ambient temperature.
3. Start-up time is the time period from the application of power to valid data at the output.


Número de pieza similar - SI8621ED-B-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI8621ED-B-IS SILABS-SI8621ED-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
Si8621ED-B-IS SILABS-Si8621ED-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8621ED-B-IS SKYWORKS-SI8621ED-B-IS Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
More results

Descripción similar - SI8621ED-B-IS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI861X SILABS-SI861X Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com