Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLD342YT-24 Datasheet(PDF) 2 Page - Sony Corporation

No. de pieza SLD342YT-24
Descripción Electrónicos  2W High Power Laser Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD342YT-24 Datasheet(HTML) 2 Page - Sony Corporation

  SLD342YT-24 Datasheet HTML 1Page - Sony Corporation SLD342YT-24 Datasheet HTML 2Page - Sony Corporation SLD342YT-24 Datasheet HTML 3Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
– 2 –
SLD342YT
Electrical and Optical Characteristics
(Tth = Thermistor temperature, Tth = 25°C)
Handling Precautions
Eye protection against laser beams
The optical output of laser diodes ranges from
several mW to 10W. However the optical power
density of the laser beam at the diode chip
reaches 1.5MW/cm2. Unlike gas lasers, since
laser diode beams are divergent, uncollimated
laser diode beams are fairly safe at a laser
diode. For observing laser beams, ALWAYS use
safety goggles that block infrared rays. Usage of
IR scopes, IR cameras and fluorescent plates is
also recommended for monitoring laser beams
safely.
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Ith
Iop
Vop
λP
θ⊥
θ//
∆X, ∆Y
∆φ⊥
∆φ//
ηD
Imon
Rth
Threshold current
Operating current
Operating voltage
Wavelength∗
Radiation angle
Positional accuracy
Differential efficiency
Monitor current
Thermistor resistance
PO = 2.0W
PO = 2.0W
PO = 2.0W
PO = 2.0W
PO = 2.0W
PO = 2.0W
PO = 2.0W
VR = 10V
Tth = 25°C
790
10
5
0.5
0.2
0.4
2.2
2.0
23
10
1.1
0.8
10
1.0
3.5
3.0
840
35
15
±100
±3
±4
1.5
4.0
A
A
V
nm
degree
degree
µm
degree
degree
W/A
mA
k
Perpendicular
Parallel
Position
Angle
∗ Wavelength Selection Classification
Type
SLD342YT-1
SLD342YT-2
SLD342YT-3
Wavelength (nm)
795 ± 5
810 ± 10
830 ± 10
Type
SLD342YT-21
SLD342YT-24
SLD342YT-25
Wavelength (nm)
798 ± 3
807 ± 3
810 ± 3
Safety goggles for
protection from
laser beam
IR fluorescent plate
Optical
material
Lens
Laser diode
Optical board
Optical power output control device
Temperature control device


Número de pieza similar - SLD342YT-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
SLD343YT SONY-SLD343YT Datasheet
75Kb / 3P
   4W High Power Laser Diode
SLD343YT-1 SONY-SLD343YT-1 Datasheet
75Kb / 3P
   4W High Power Laser Diode
SLD343YT-2 SONY-SLD343YT-2 Datasheet
75Kb / 3P
   4W High Power Laser Diode
SLD343YT-21 SONY-SLD343YT-21 Datasheet
75Kb / 3P
   4W High Power Laser Diode
SLD343YT-24 SONY-SLD343YT-24 Datasheet
75Kb / 3P
   4W High Power Laser Diode
More results

Descripción similar - SLD342YT-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
SLD334YT SONY-SLD334YT Datasheet
61Kb / 4P
   2W High Power Laser Diode
SLD324ZT SONY-SLD324ZT Datasheet
72Kb / 7P
   High-Power Density 2W Laser Diode
logo
Lumics GmbH
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com