Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
744065330 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744065330 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 4 page Bezeichnung : description : A 6,6 ± 0,1 mm B 16,0 ± 0,3 mm D 4,00 ± 0,1 mm E 2,00 ± 0,1 mm F 1,75 ± 0,1 mm G 7,00 ± 0,1 mm H 3,40 ± 0,1 mm a 330,0 ± 0,5 mm b 20,20 ± 0,1 mm c 13,00 ± 1,0 mm d 100,0 ± 1,0 mm ME 08-11-24 MST 08-04-11 ME 04-10-11 Name Datum / date Version 2 Version 3 Würth Elektronik mm 1,50 C Datum / date Unterschrift / signature http://www.we-online.de ................................................... ............................................ Geprüft / checked Kontrolliert / approved Änderung / modification Version 1 D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 .................................................................................. Würth Elektronik eiSos GmbH & Co. KG .................................................................................. SPEICHERDROSSEL WE-TPC POWER-CHOKE WE-TPC I Rollenspezifikation / Tape and reel specification : Gurtspezifikation / Tape specification: DATUM / DATE : 2008-11-24 Rollenspezifikation / Reel specification: Freigabe erteilt / general release: Artikelnummer / part number : 744065330 Kunde / customer ± 0,1 Spezifikation für Freigabe / specification for release Kunde / customer : H G Ø c a d b A B F E D øC This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. LF SEITE 3 VON 4 |
Número de pieza similar - 744065330 |
|
Descripción similar - 744065330 |