Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS84250EVM-001 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS84250EVM-001
Descripción Electrónicos  TPS84250EVM-001 2.5-A, Integrated Power Solution
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS84250EVM-001 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS84250EVM-001 Datasheet HTML 6Page - Texas Instruments TPS84250EVM-001 Datasheet HTML 7Page - Texas Instruments TPS84250EVM-001 Datasheet HTML 8Page - Texas Instruments TPS84250EVM-001 Datasheet HTML 9Page - Texas Instruments TPS84250EVM-001 Datasheet HTML 10Page - Texas Instruments TPS84250EVM-001 Datasheet HTML 11Page - Texas Instruments TPS84250EVM-001 Datasheet HTML 12Page - Texas Instruments TPS84250EVM-001 Datasheet HTML 13Page - Texas Instruments TPS84250EVM-001 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
List of Materials
www.ti.com
Table 2. EVM List of Material
(1) (2) (3) (4) (continued)
COUNT
REF DES
DESCRIPTION
PART NUMBER
MFR
2
TB1-2
Terminal block, 2 pin, 15 A, 5.1 mm, 0.40 inch x 0.35 inch
ED120/2DS
OST
0
TB3-4
Header, male 2 pin, 100-mil spacing, 0.100 inch x 2 inch
PEC02SAAN
Sullins
7
TP1-2 TP7-8
Test point, white, thru hole, 5012, 0.125 inch x 0.125 inch
5012
Keystone
TP10-11 TP13
6
TP3-6 TP9
Test point, black, thru hole, 5011, 0.125 inch x 0.125 inch
5011
Keystone
TP14
1
U1
7 V to 50 V Input, 2.5-A Non-synchronous Buck, QFN
TPS84250RKG
TI
1
PCB
PCB, FR4, 0.062 inch, 1 oz copper all layers, 4.0 inch x 2.0
PWR087
TI
inch
2
Shunt
(5)
Connector, jumper, shorting, gold flash, 2 (1 x 2) x 100 mil
SPC02SYAN
Sullins
4
Standoff
Bumpon hemisphere 0.44 inch x 0.20 inch clear, 0.440 inch x
SJ-5303
3M
0.200 inch
1
--
Label, 1.25 inch x 0.25 inch
THT-13-457-10
Brady
(5)
Place in position over pins 1 and 2 on both J1 and J2
Table 3. Label Text
ASSEMBLY NUMBER
TEXT
PWR087-001
TPS84250EVM-001
10
TPS84250EVM-001 2.5-A, Integrated Power Solution Evaluation Module
SLVU460A – November 2011 – Revised July 2012
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated


Número de pieza similar - TPS84250EVM-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84250RKGR TI1-TPS84250RKGR Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84250RKGR TI1-TPS84250RKGR Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84250RKGT TI1-TPS84250RKGT Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
More results

Descripción similar - TPS84250EVM-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS84250_1212 TI1-TPS84250_1212 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
SLUU633A TI1-SLUU633A Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
TPS84250 TI1-TPS84250 Datasheet
1,014Kb / 29P
[Old version datasheet]   7-V to 50-V Input, 2.5-A Step-Down, Integrated Power Solution
TPS84620EVM-692 TI1-TPS84620EVM-692 Datasheet
761Kb / 18P
[Old version datasheet]   6-A, Integrated Power Solution Evaluation Module
logo
Advanced Analog Technol...
AAT11671 AAT-AAT11671 Datasheet
2Mb / 18P
   INTEGRATED TFT LCD POWER SOLUTION
Version 0.01
logo
Global Mixed-mode Techn...
AT5517 GMT-AT5517 Datasheet
87Kb / 1P
   Integrated Power Solution for TFT-LCD
logo
Analog Devices
ADP5056 AD-ADP5056 Datasheet
962Kb / 31P
   Triple Buck Regulator Integrated Power Solution
Rev. 0
logo
Dialog Semiconductor
SLG59M1545V DIALOG-SLG59M1545V Datasheet
160Kb / 11P
   Ultra-small 17 m 2.5 A Integrated Power Switch
logo
Global Mixed-mode Techn...
G5512 GMT-G5512 Datasheet
84Kb / 1P
   Integrated Power Solution for TFT-LCD
logo
Analog Devices
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
   Quad Buck Regulator Integrated Power Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com