Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FM22LD16-55-BG Datasheet(PDF) 8 Page - Cypress Semiconductor |
|
FM22LD16-55-BG Datasheet(HTML) 8 Page - Cypress Semiconductor |
8 / 14 page FM22LD16 - 256Kx16 FRAM Rev. 3.0 Oct. 2012 Page 8 of 14 Electrical Specifications Absolute Maximum Ratings Symbol Description Ratings VDD Power Supply Voltage with respect to VSS -1.0V to +4.5V VIN Voltage on any signal pin with respect to VSS -1.0V to +4.5V and VIN < VDD+1V TSTG Storage Temperature -55C to +125C TLEAD Lead Temperature (Soldering, 10 seconds) 260 C VESD Electrostatic Discharge Voltage - Human Body Model (JEDEC Std JESD22-A114-D) - Charged Device Model (JEDEC Std JESD22-C101-C) - Machine Model (JEDEC Std JESD22-A115-A) 2.5kV 1.5kV 150V Package Moisture Sensitivity Level MSL-3 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability. DC Operating Conditions (TA = -40 C to + 85 C, VDD = 2.7V to 3.6V unless otherwise specified) Symbol Parameter Min Typ Max Units Notes VDD Power Supply 2.7 3.3 3.6 V IDD Power Supply Current 8 12 mA 1 ISB Standby Current @ TA = 25°C @ TA = 85°C 90 - 150 270 A A 2 ILI Input Leakage Current 1 A 3 ILO Output Leakage Current 1 A 3 VIH Input High Voltage 2.2 VDD + 0.3 V VIL Input Low Voltage -0.3 0.6 V VOH1 Output High Voltage (IOH = -1.0 mA) 2.4 V VOH2 Output High Voltage (IOH = -100 A) VDD-0.2 V VOL1 Output Low Voltage (IOL = 2.1 mA) 0.4 V VOL2 Output Low Voltage (IOL = 100 A) 0.2 V Notes 1. VDD = 3.6V, /CE cycling at min. cycle time. All inputs toggling at CMOS levels (0.2V or VDD-0.2V), all DQ pins unloaded. 2. VDD = 3.6V, /CE at VDD, All other pins are static and at CMOS levels (0.2V or VDD-0.2V). 3. VIN, VOUT between VDD and VSS. |
Número de pieza similar - FM22LD16-55-BG |
|
Descripción similar - FM22LD16-55-BG |