Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25V20-GTR Datasheet(PDF) 7 Page - Cypress Semiconductor

No. de pieza FM25V20-GTR
Descripción Electrónicos  2Mb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V20-GTR Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button FM25V20-GTR Datasheet HTML 3Page - Cypress Semiconductor FM25V20-GTR Datasheet HTML 4Page - Cypress Semiconductor FM25V20-GTR Datasheet HTML 5Page - Cypress Semiconductor FM25V20-GTR Datasheet HTML 6Page - Cypress Semiconductor FM25V20-GTR Datasheet HTML 7Page - Cypress Semiconductor FM25V20-GTR Datasheet HTML 8Page - Cypress Semiconductor FM25V20-GTR Datasheet HTML 9Page - Cypress Semiconductor FM25V20-GTR Datasheet HTML 10Page - Cypress Semiconductor FM25V20-GTR Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FM25V20 – 2Mb SPI F-RAM
Rev. 3.0
August 2012
Page 7 of 17
under any circumstances. This occurs if the BP1 and
BP0 bits are set to 1, the WPEN bit is set to 1, and
the /W pin is low. This occurs because the block
protect bits prevent writing memory and the /W
signal in hardware prevents altering the block protect
bits (if WPEN is high). Therefore in this condition,
hardware must be involved in allowing a write
operation. The following table summarizes the write
protection conditions.
Table 4. Write Protection
WEL
WPEN
/W
Protected Blocks
Unprotected Blocks
Status Register
0
X
X
Protected
Protected
Protected
1
0
X
Protected
Unprotected
Unprotected
1
1
0
Protected
Unprotected
Protected
1
1
1
Protected
Unprotected
Unprotected
Memory Operation
The SPI interface, which is capable of a relatively
high clock frequency, highlights the fast write
capability of the F-RAM technology. Unlike Serial
Flash, the FM25V20 can perform sequential writes at
bus speed. No page buffer is needed and any number
of sequential writes may be performed.
Write Operation
All writes to the memory array begin with a WREN
op-code. The next op-code is the WRITE instruction.
This op-code is followed by a three-byte address
value, which specifies the 18-bit address of the first
data byte of the write operation. Subsequent bytes are
data and they are written sequentially. Addresses are
incremented internally as long as the bus master
continues to issue clocks. If the last address of
3FFFFh is reached, the counter will roll over to
00000h. Data is written MSB first. A write operation
is shown in Figure 9.
Unlike Serial Flash, any number of bytes can be
written sequentially and each byte is written to
memory immediately after it is clocked in (after the
8
th clock). The rising edge of /S terminates a WRITE
op-code operation. Asserting /W active in the middle
of a write operation will have no effect until the next
falling edge of /S.
Read Operation
After the falling edge of /S, the bus master can issue
a READ op-code. Following this instruction is a
three-byte address value (A17-A0), specifying the
address of the first data byte of the read operation.
After the op-code and address are complete, the D
pin is ignored. The bus master issues 8 clocks, with
one bit read out for each. Addresses are incremented
internally as long as the bus master continues to issue
clocks. If the last address of 3FFFFh is reached, the
counter will roll over to 00000h. Data is read MSB
first. The rising edge of /S terminates a READ op-
code operation and tri-states the Q pin.
A read
operation is shown in Figure 10.
Fast Read Operation
The FM25V20 supports the FAST READ op-code
(0Bh) that is found on Serial Flash devices. It is
implemented for code compatibility with Serial Flash
devices. Following this instruction is a three-byte
address (A17-A0), specifying the address of the first
data byte of the read operation. A dummy address
byte follows the address. It inserts one byte of read
latency. The D pin is ignored after the op-code, three-
byte address, and dummy byte are complete. The bus
master issues 8 clocks, with one bit read out for each.
The Fast Read operation is otherwise the same as an
ordinary READ. If the last address of 3FFFFh is
reached, the counter will roll over to 00000h. Data is
read MSB first. The rising edge of /S terminates a
FAST READ op-code operation and tri-states the Q
pin. A Fast Read operation is shown in Figure 11.
Hold
The FM25V20 device has a /HOLD pin that can be
used to interrupt a serial operation without aborting
it. If the bus master pulls the /HOLD pin low while C
is low, the current operation will pause. Taking the
/HOLD pin high while C is low will resume an
operation. The transitions of /HOLD must occur
while C is low, but the C and /S pins can toggle
during a hold state.


Número de pieza similar - FM25V20-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM25V20-GTR RAMTRON-FM25V20-GTR Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
More results

Descripción similar - FM25V20-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V20 RAMTRON-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25H20 RAMTRON-FM25H20 Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com