Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25640B-G Datasheet(PDF) 9 Page - Cypress Semiconductor

No. de pieza FM25640B-G
Descripción Electrónicos  64Kb Serial 5V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25640B-G Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button FM25640B-G Datasheet HTML 5Page - Cypress Semiconductor FM25640B-G Datasheet HTML 6Page - Cypress Semiconductor FM25640B-G Datasheet HTML 7Page - Cypress Semiconductor FM25640B-G Datasheet HTML 8Page - Cypress Semiconductor FM25640B-G Datasheet HTML 9Page - Cypress Semiconductor FM25640B-G Datasheet HTML 10Page - Cypress Semiconductor FM25640B-G Datasheet HTML 11Page - Cypress Semiconductor FM25640B-G Datasheet HTML 12Page - Cypress Semiconductor FM25640B-G Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FM25640B - 64Kb 5V SPI F-RAM
Rev. 3.0
Jan. 2012
9 of 13
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +7.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +7.0V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55C to + 125C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
4kV
1.25kV
300V
Package Moisture Sensitivity Level
MSL-1
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40 C to + 85 C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
4.5
5.0
5.5
V
IDD
VDD Supply Current
@ SCK = 1.0 MHz
@ SCK = 20.0 MHz
0.25
4.0
mA
mA
1
ISB
Standby Current
4
10
A
2
ILI
Input Leakage Current
1
A
3
ILO
Output Leakage Current
1
A
3
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VOL
Output Low Voltage
@ IOL = 2 mA
0.4
V
VOH
Output High Voltage
@ IOH = -2 mA
VDD – 0.8
V
VHYS
Input Hysteresis
0.05 VDD
V
4
Notes
1.
SCK toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V
2.
SCK = SI = /CS=VDD. All inputs VSS or VDD.
3.
VIN or VOUT = VSS to VDD.
4.
This parameter is characterized but not 100% tested.


Número de pieza similar - FM25640B-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM25640B-G RAMTRON-FM25640B-G Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25640B-G CYPRESS-FM25640B-G Datasheet
400Kb / 14P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B-GTR RAMTRON-FM25640B-GTR Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25640B-GTR CYPRESS-FM25640B-GTR Datasheet
400Kb / 14P
   64Kb Serial 5V F-RAM Memory
More results

Descripción similar - FM25640B-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640B CYPRESS-FM25640B_13 Datasheet
400Kb / 14P
   64Kb Serial 5V F-RAM Memory
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com