Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STD06Y4 Datasheet(PDF) 15 Page - Tyco Electronics |
|
STD06Y4 Datasheet(HTML) 15 Page - Tyco Electronics |
15 / 85 page NBC-SCE Nuclear, biological, chemical resistant heat-shrinkable wire identification sleeves 15 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers Ordering information Available sizes and formats Inside diameter Ordering Expanded Recovered Recommended Recovered wall description D (minimum) d (maximum) use range thickness mm inches mm inches mm inches mm inches NBC-SCE-1K-1/8- 2.0<color> 3.43 0.135 1.59 0.062 1.75-2.66 0.069 -0.105 0.38 ± 0.08 0.015 ± 0.003 NBC-SCE-1K-1/4- 2.0<color> 6.35 0.250 3.18 0.125 3.81-5.46 0.150-0.215 0.38 ± 0.08 0.015 ± 0.003 NBC-SCE-1K-1/2- 2.0<color> 12.70 0.500 6.35 0.250 6.99-10.79 0.275-0.425 0.38 ± 0.08 0.015 ± 0.003 NBC-SCE-1K-3/4- 2.0<color> 19.05 0.750 9.53 0.375 10.16-16.25 0.400-0.640 0.38 ± 0.08 0.015 ± 0.003 NBC-SCE-1K-1- 2.0<color> 25.40 1.000 12.70 0.500 14.70-21.50 0.578-0.846 0.43 ± 0.10 0.017 ± 0.004 NBC-SCE-1K-1-1/2- 2.0<color> 38.10 1.500 19.05 0.750 20.95-33.02 0.825-1.300 0.43 ± 0.10 0.017 ± 0.004 Total width as supplied 90.18 mm (3.550 inches) including tape and carrier width. Options Prescoring Perforated score to produce multiple marker sleeves from each NBC-SCE sleeve. Number of prescores 1 prescore 2 prescores 3 prescores Code S1 S2 S3 Package sizes Standard 1000 piece packages available for all NBC-SCE sizes Colors Standard White Code 9 Ordering information: Please specify product name, pack size, sleeve size, prescore, format and color. Ordering example: NBC-SCE-1K-1/8-2.0-9 SOG-ER33-3 BT-M 50mm (nom ) SOG-ER32-3 BT-M SOG-ER13-3 BT-M D d |
Número de pieza similar - STD06Y4 |
|
Descripción similar - STD06Y4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |