Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD06YL Datasheet(PDF) 54 Page - Tyco Electronics

No. de pieza STD06YL
Descripción Electrónicos  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

STD06YL Datasheet(HTML) 54 Page - Tyco Electronics

Back Button STD06YL Datasheet HTML 50Page - Tyco Electronics STD06YL Datasheet HTML 51Page - Tyco Electronics STD06YL Datasheet HTML 52Page - Tyco Electronics STD06YL Datasheet HTML 53Page - Tyco Electronics STD06YL Datasheet HTML 54Page - Tyco Electronics STD06YL Datasheet HTML 55Page - Tyco Electronics STD06YL Datasheet HTML 56Page - Tyco Electronics STD06YL Datasheet HTML 57Page - Tyco Electronics STD06YL Datasheet HTML 58Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
TW Dot matrix printable self-laminating labels
54
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Self-Laminating Labels
J TW 10
Part numbering system
Pack size
Product family
Label size
Tyco Electronics TW is a dot matrix printable, translucent vinyl film
with a permanent acrylic adhesive, supplied with a white printable
area, which is over-laminated upon application with the translu-
cent portion of the label. This ‘self-laminating’ feature protects the
printed area from exposure to oil, solvents, water and abrasion.
TW labels offer excellent conformability to round, irregular or
flexible surfaces, and are ideal for wire and cable identification,
including flat ribbon cables that are subject to repeated bending.
They are UL Listed, with reliable print performance and durability,
when used with Tyco Electronics 1892BK01 ribbon.
Features and benefits
I Manufactured with a white coated area for printing or writing
on, and with a clear wrap to wind around a wire or cable over
the printed surface to seal out impurities that would cause the
label to become illegible
I Protects printed information from chemicals and frequent
handling
I Designed to withstand exposure to oil, solvents, and water
Temperature rating
Operating temperature range
–40°C to +80°C
–40°F to +176°F
Specifications/approvals
Industry
UL MH17292 Group PGJI2
Printer information
Tyco Electronics printer
AM6310 (dot matrix)
Tyco Electronics ribbon
1892BK01 (dot matrix)


Número de pieza similar - STD06YL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
STD06Y-0 TEC-STD06Y-0 Datasheet
385Kb / 3P
   STD and STB Markers
STD06Y-1 TEC-STD06Y-1 Datasheet
385Kb / 3P
   STD and STB Markers
STD06Y-2 TEC-STD06Y-2 Datasheet
385Kb / 3P
   STD and STB Markers
STD06Y-3 TEC-STD06Y-3 Datasheet
385Kb / 3P
   STD and STB Markers
STD06Y-4 TEC-STD06Y-4 Datasheet
385Kb / 3P
   STD and STB Markers
More results

Descripción similar - STD06YL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com