Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STD09WZ Datasheet(PDF) 66 Page - Tyco Electronics |
|
STD09WZ Datasheet(HTML) 66 Page - Tyco Electronics |
66 / 85 page TEK Hand writeable vinyl fabric labels 66 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Self-Laminating Labels Tyco Electronics TEK vinyl fabric pocket packs are suitable for on- the-spot labeling. Thanks to their handy size they fit in the pocket or the technician’s toolbox. The packs are available in the most common label sizes. They can be written on using the pencil (ZUB-03) or the felt-tip pen (ZUB-01). Features and benefits I Portability I On the spot labeling Temperature rating Operating temperature range –29°C to +80°C –20°F to +176°F Properties Adhesive removal without residue (approx. 1 year). Very pliable film. Age resistant. Fabric materials silicone free. Resistant against Water, sea water, alcohol, engine oils, methanol, petrol (gasoline) TEK 8 21 - N Part numbering system Standard Packaging Label width (mm) Label height (mm) Product family |
Número de pieza similar - STD09WZ |
|
Descripción similar - STD09WZ |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |