Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STD12WF Datasheet(PDF) 48 Page - Tyco Electronics |
|
STD12WF Datasheet(HTML) 48 Page - Tyco Electronics |
48 / 85 page SB Thermal transfer printable self-laminating labels 48 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Self-Laminating Labels Tyco Electronics SB is a thermal transfer printable, translucent vinyl film with a permanent acrylic adhesive, supplied with a white printable area, which is over-laminated upon application with the translucent portion of the label. This ‘self-laminating’ feature protects the printed area from exposure to oil, solvents, water and abrasion. SB labels offer excellent conformability to round, irregular or flexible surfaces. Ideal for wire and cable identification, including flat ribbon cables that are subject to repeated bending, they are UL Listed. For reliable print performance and durability, use with Tyco Electronics TMS-RJS-RIBBON-4RPSCE series ribbon. Features and benefits I Manufactured with a white coated area for printing, and with a clear tail to wind around a wire or cable over the printed surface to seal out impurities that would cause the label to become illegible I Protects printed information from chemicals and frequent handling I Designed to withstand exposure to oil, solvents, and water SB 100 225 WE 5 Part numbering system Pack size Color Label length Label width Product family Temperature rating Operating temperature range –40°C to +80°C –40°F to +176°F Specifications/approvals Tyco Electronics TTDS- 052 Industry UL MH17001 (Group PGDQ2) MH17292 (Group PGJI2) Printer information Tyco Electronics printer T308S* (thermal transfer) Tyco Electronics ribbon TMS-RJS-RIBBON-4RPSCE* (thermal transfer) * Alternative printers and ribbons are available for special applications. Contact Tyco Electronics Identification for more information. |
Número de pieza similar - STD12WF |
|
Descripción similar - STD12WF |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |