Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STD17W4 Datasheet(PDF) 36 Page - Tyco Electronics |
|
STD17W4 Datasheet(HTML) 36 Page - Tyco Electronics |
36 / 85 page iKC/iKB Laser or hand writable cable clip 36 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Heat-Shrink/Cable Markers Tyco Electronics iKC/iKB are cable clips designed for the identifica- tion of wires and cables in rough, damp and dusty environments. The legend strip (iKB) with the printable information is embedded in the cable clip (iKC) and therefore has all- round protection. The cable clips are fastened on using cable ties. . Features and benefits I Protects against damp, dust and dirt I iKB legend strip marked with a laser printer or by hand I Universal application on various cable diameters I iKB legend strip is a dual color label with white on one side and yellow on the other Temperature rating Operating temperature -26°C to +130°C (-15°F to +266°F) Printer Information Standard laser printer with auto/manual sheet feed Contact Tyco Electronics Electronics Identification for more information. |
Número de pieza similar - STD17W4 |
|
Descripción similar - STD17W4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |