Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD17W9 Datasheet(PDF) 23 Page - Tyco Electronics

No. de pieza STD17W9
Descripción Electrónicos  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

STD17W9 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button STD17W9 Datasheet HTML 19Page - Tyco Electronics STD17W9 Datasheet HTML 20Page - Tyco Electronics STD17W9 Datasheet HTML 21Page - Tyco Electronics STD17W9 Datasheet HTML 22Page - Tyco Electronics STD17W9 Datasheet HTML 23Page - Tyco Electronics STD17W9 Datasheet HTML 24Page - Tyco Electronics STD17W9 Datasheet HTML 25Page - Tyco Electronics STD17W9 Datasheet HTML 26Page - Tyco Electronics STD17W9 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
HTCM-SCE High temperature, low outgassing tie-on-cable marker tags
23
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Ordering information
Available sizes and formats
Ordering
Size
Markable
Markable
Recommended
description
height
length
use range
mm
inches
mm
inches
mm
inches
HTCM-SCE -TP- 1/4- 4H- <color>
1
/4
6.40
0.250
50.80
2.000
5.08 – 12.50
0.200 – 0.492
HTCM -SCE-TP- 1/2- 4H- <color>
1
/2
12.70
0.500
50.80
2.000
12.50 and up
0.492 and up
HTCM -SCE-TP- 1/2- 6H- <color>
1
/2
12.70
0.500
50.80
2.000
12.50 and up
0.492 and up
Options
Tie-wrap holes
1/4- inch tags
Four holes standard
1/2- inch tags
Four holes
Six holes
Code
4H
6H
Fanfold
Code
Fx (substitute package size code for “x”)
Package sizes
Standard
250 pieces
Colors
Standard
White
Code
9
Nonstandard
Yellow
Code
4
Ordering information: Specify product name, markable height of marker, pack size, number of tie wraps and color.
Ordering example: HTCM-SCE - 2.5K --
1/4--4H-9
Figure 1
HTCM-SCE-
1/4 INCH


Número de pieza similar - STD17W9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
STD17W-0 TEC-STD17W-0 Datasheet
385Kb / 3P
   STD and STB Markers
STD17W-1 TEC-STD17W-1 Datasheet
385Kb / 3P
   STD and STB Markers
STD17W-2 TEC-STD17W-2 Datasheet
385Kb / 3P
   STD and STB Markers
STD17W-3 TEC-STD17W-3 Datasheet
385Kb / 3P
   STD and STB Markers
STD17W-4 TEC-STD17W-4 Datasheet
385Kb / 3P
   STD and STB Markers
More results

Descripción similar - STD17W9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com