Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD17WC Datasheet(PDF) 38 Page - Tyco Electronics

No. de pieza STD17WC
Descripción Electrónicos  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

STD17WC Datasheet(HTML) 38 Page - Tyco Electronics

Back Button STD17WC Datasheet HTML 34Page - Tyco Electronics STD17WC Datasheet HTML 35Page - Tyco Electronics STD17WC Datasheet HTML 36Page - Tyco Electronics STD17WC Datasheet HTML 37Page - Tyco Electronics STD17WC Datasheet HTML 38Page - Tyco Electronics STD17WC Datasheet HTML 39Page - Tyco Electronics STD17WC Datasheet HTML 40Page - Tyco Electronics STD17WC Datasheet HTML 41Page - Tyco Electronics STD17WC Datasheet HTML 42Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
VF/NPVF/VF-130 Tedlar® color coding tape and labels
38
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Performance Labels
TTVF 6004 GN 2.5
Part numbering system (Die-Cut)
Pack size
Color
Label size (W x H)
Product family
TTVF 200
YW-100
Part numbering system (Continuous)
Length (feet)
Color
Width (inches)
Product family
This polyvinyl fluoride material is designed for use as a wire/cable
marker, label and wrap-around in the general aviation industry.
The product is ideal for a variety of harsh chemical environments
and where non-igniting/self-extinguishing properties are a
necessity. It is available in several application-defined types and
sizes and can be used with various printing technologies.
VF series
The VF series of Tedlar
® products is specifically designed for
wire/cable labeling. The product is dot matrix or thermal transfer
printable and is available in several continuous and die-cut formats
to fit a wide range of cables/cable bundles. The product meets all
the requirements of the BMS 13-47, DMS 2359 and GAT100BA
specifications, the benchmarks for pressure-sensitive wrap-around
labels in the aerospace industry.
NPVF Series
The NPVF Tedlar® is a non-printable, 12.7mm (0.5”) wide
and 30.48m (100’) long continuous tape designed for use
as a color-coded identifier for cables/cable bundles.
Besides identifying the bundle this product is wrapped
around, it also provides strength and rigidity to the bundle.
The product has all the features of the VF series of Tedlar®
products except for printability.
VF-130 Series
The VF-130 series is a range of clear non-printable Tedlar®
tapes designed for use as an over laminate on wires/bundle
identifiers where additional UV protection is required. These
tapes can be used over various types of identifiers like wrap
around labels, heat-shrink labels, tie-on cable labels and
pressure-sensitive markers.
Features and benefits
I Resists water, oil, conventional cleaning agents,
and oil based solvents
I Filters UV light
I Exhibits high degree of resistance to aging
I Meets the requirements of MIL-M-87958
I Available in several colors to facilitate color-coding
and clear for over laminating
Temperature rating
Operating temperature range
VF and NPVF
–40°C to +130°C
–40°F to +266°F
VF-130
–40°C to +105°C
–40°F to +221°F
VF-130
-40°C to 105°C
-40°F to 221°F
Specifications/approvals
Tyco Electronics
TTDS-005 (TTVF/DMVF)
TTDS-004 (NPVF)
Military
MIL-M-87958
DMS 2359
Industry
BMS-13-47
BACT 19
GAT100BA
Printer information
Tyco Electronics printer
AM6310 (dot matrix)
T308S* (thermal transfer)
*Size dependent. Contact Tyco
Electronics.
Tyco Electronics ribbon
1892BK01 (dot matrix)
1330-3300-10* (thermal transfer)
* Alternative printers and ribbons are available
for special applications. Contact Tyco
Electronics Electronics Identification for more
information.


Número de pieza similar - STD17WC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
STD17W-0 TEC-STD17W-0 Datasheet
385Kb / 3P
   STD and STB Markers
STD17W-1 TEC-STD17W-1 Datasheet
385Kb / 3P
   STD and STB Markers
STD17W-2 TEC-STD17W-2 Datasheet
385Kb / 3P
   STD and STB Markers
STD17W-3 TEC-STD17W-3 Datasheet
385Kb / 3P
   STD and STB Markers
STD17W-4 TEC-STD17W-4 Datasheet
385Kb / 3P
   STD and STB Markers
More results

Descripción similar - STD17WC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com