Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N914B Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

No. de pieza 1N914B
Descripción Electrónicos  1N914B SIGNAL DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WILLAS [WILLAS ELECTRONIC CORP]
Página de inicio  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1N914B Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  1N914B Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1N914B Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N914B
1N914B SIGNAL DIODE
Absolute Maximum Ratings (Ta=25
°C)
Items
Symbol
Ratings
Unit
Reverse Voltage
VR
75
V
Reverse Recovery
Time
trr
4
ns
Power Dissipation
3.33mW/
°C (25°C)
P
500
mW
Forward Current
IF
300
mA
Junction Temp.
Tj
-65 to 175
°C
Storage Temp.
Tstg
-65 to 175
°C
Mechanical Data
Items
Materials
Package
DO-35
Case
Hermetically sealed glass
Lead/Finish
Double stud/Solder Plating
Chip
Glass Passivated
Dimensions (DO-35)
Electrical Characteristics (Ta=25
°C)
Ratings
Symbol
Ratings
Unit
Minimum Breakdown Voltage
IR= 5.0uA
IR= 100uA
BV
75
100
V
Peak Forward Surge Current PW= 1sec.
IFsurge
0.5
A
Maximum Forward Voltage
IF= 100mA
VF
1.0
V
Maximum Reverse Current
VR= 20V
VR= 75V
VR= 20V, Tj= 150
°C
IR
0.025
5.0
50
uA
Maximum Junction Capacitance
VR= 0, f= 1 MHz
Cj
4
pF
Maximum Reverse Recovery Time
IF= 10mA, VR= 6V, IRR= 1mA, RL= 100
trr
4
ns
1 .0 2( 26 .0 )
MIN.
.022(0.55)
.018(0.45)
1 . 02( 2 6.0 )
MIN.
.087(2.2)
.067(1.7)
.153(3.6)
.132(3.0)
Unit: inch (mm)
WILLAS
WILLAS ELECTRONIC CORP.
SCS501V
VOLTAGE 40V
0.1AMP Schottky Barrier Rectifiers
FEATURES
* Extremely Low VF
* Extremely thin package
* Low stored charge
* Majority carrier conduction
* Case:Molded plastic, JEDEC SOD-323(SC-76)
* Terminal : Solder plated, solderable per MIL-STD-750,
Method 2026
* Polarity : Indicated by cathode band
* Mounting Position : Any
* Weight : 0.000159 ounce, 0.0045 gram
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Rating 25
oC ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
Symbol
Min.
Typ.
Max.
Unit
VRM
45
V
VR
40
V
I F = 10mA DC
F1
V
V
VR = 10V DC
IR
0.55
0.34
µ A
IO
30
A
A
TJ
oC
TSTG
oC
1
Continuous Reverse Voltage
Parameter
Forward Voltage
IFSM
Operating Temperature
Mean Rectifying Current
Conditions
Repetitive Peak Reverse Voltage
Storage Temperature
Reverse Current
V
F2
V
I F = 100mA DC
0.1
125
Peak forward surge current
Capacitance between terminals
CT
6.0
pF
-40
SOD-323(SC-76)
Marking Code: JV or 4
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
+125
MECHANICAL DATA
Pb Free Product
2004.12


Número de pieza similar - 1N914B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
1N914B RECTRON-1N914B Datasheet
11Kb / 1P
   SIGNAL DIODE
logo
SynSemi, Inc.
1N914B SYNSEMI-1N914B Datasheet
39Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
New Jersey Semi-Conduct...
1N914B NJSEMI-1N914B Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Rohm
1N914B ROHM-1N914B Datasheet
57Kb / 2P
   Switching diode
logo
Taiwan Semiconductor Co...
1N914B TSC-1N914B Datasheet
102Kb / 2P
   500mW High Speed Switching Diode
More results

Descripción similar - 1N914B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
1N4151 RECTRON-1N4151 Datasheet
11Kb / 1P
   SIGNAL DIODE
1N914B RECTRON-1N914B Datasheet
11Kb / 1P
   SIGNAL DIODE
1N4454 RECTRON-1N4454 Datasheet
11Kb / 1P
   SIGNAL DIODE
1N4148 RECTRON-1N4148 Datasheet
11Kb / 1P
   SIGNAL DIODE
1N4448 RECTRON-1N4448 Datasheet
11Kb / 1P
   SIGNAL DIODE
logo
WILLAS ELECTRONIC CORP
1N4148 WILLAS-1N4148 Datasheet
331Kb / 2P
   SIGNAL DIODE
logo
Rectron Semiconductor
1N4150 RECTRON-1N4150 Datasheet
16Kb / 1P
   SIGNAL DIODE
logo
Fairchild Semiconductor
1N4938 FAIRCHILD-1N4938 Datasheet
26Kb / 2P
   Small Signal Diode
logo
Rectron Semiconductor
BAV99 RECTRON-BAV99 Datasheet
14Kb / 2P
   SMALL SIGNAL DIODE
logo
Fairchild Semiconductor
1N459 FAIRCHILD-1N459 Datasheet
26Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com